Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 21 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices HMC702LP6CE Datasheet HTML 24Page - Analog Devices HMC702LP6CE Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Nint
= 92
Nfrac
= 1
(EQ 14)
in this example the output frequency of 9,600,000,005.96 Hz is achieved by programming the 16-bit binary value of
92d = 5c = 0000 0000 0101 1100 into dsm_intg.
Similarly the 24-bit binary value of the fractional word is written into dsm_frac,
1d = 000 001h = 0000 0000 0000 0000 0000 0001
Example 2: Set the output to 12.600 025 GHz using a 100 MHz reference, r=2.
Find the nearest integer value, nint, nint = 126, fint = 12.600 000 GHz
this leaves the fractional part to be ffrac =25 kHz
(EQ 15)
Since Nfrac must be an integer number, the actual fractional frequency will be 24,998.19 Hz, an error of 1.81 Hz.
Here we program the 16-bit nint = 126d = 7Eh = 0000 0000 0111 1110 and
the 24-bit nfrac = 4194d = 1062h = 0000 0100 0001 0010
in addition to the above frequency programming words, the fractional mode must be enabled using the frac register.
other DSM configuration registers should be set to the recommended values. register setup files are available on
request.
Integer Frequency
the synthesizer is capable of operating in integer mode. in integer mode the digital Δ∑ modulator is normally shut
off and the division ratio of the Vco divider is set at a fixed value. to run in integer mode set dsm_integer_mode
(Reg12h<3> table 24) and clear dsm_rstb (Reg01h<13> table 7). then program the integer portion of the frequency,
NINT, as explained by (EQ 13), ignoring the fractional part.
Frequency Hopping Trigger
if the synthesizer is in fractional mode, a write to the fractional frequency register, Reg10h table 22, will initiate the
frequency hop on the falling edge of the 31st clock edge of the serial port write (see Figure 19).
if the integer frequency register, Reg0Fh table 21, is written when in fractional mode the information will be buffered
and only executed when the fractional frequency register is written.
if the synthesizer is in integer mode, a write to the integer frequency register, Reg0Fh table 21, will initiate the
frequency hop on the falling edge of the 31st clock edge of the serial port write (see Figure 19).
Power On Reset (POR)
normally all logic cells in the HMc702LP6cE are reset when the device digital power supply, DVDD, is applied. this
is referred to as Power on reset, or just Por. Por normally takes about 500us after the DVDD supply exceeds 1.5V,
guaranteed to be reset in 1msec. once the DVDD supply exceeds 1.5V, the Por will not reset the digital again unless
the supply drops below 100mV.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com