Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 12 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices HMC702LP6CE Datasheet HTML 10Page - Analog Devices HMC702LP6CE Datasheet HTML 11Page - Analog Devices HMC702LP6CE Datasheet HTML 12Page - Analog Devices HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Lock Detect Windows (gpo_sel=2)
Setting register gpo_sel = 2 (Reg1Bh<3:0> table 32) results in the lock detect window (Figure 12) and the phase
frequency detector UP and Dn output control signals (Figure 15) to be routed to pins GPo1, GPo3 and GPo2
respectively. this option gives insight into the Lock Detection Process and could allow the synthesizer to be used with
an external charge pump.
Figure 7. gpo_02 Outputs
Anti-cycle Slip Waveforms (gpo_sel = 3)
Setting register gpo_sel=3 (Reg1Bh<3:0> table 32) gives visibility into the anti-cycle slipping function of the PFD
as described in section Cycle Slip Prevention (cSP). three waveforms, reference path freq > Vco path freq, vco
path freq > ref path freq, and a PFD strobe which holds the PFD at maximum gain, are routed to GPo3, GPo2, and
GPo1 respectively. these lines will be active during frequency pull-in and will indicate instantaneously which signal,
reference or vco path is greater in frequency. the PFD strobe gives insight into when the PFD is near maximum gain
at 2π. the PFD strobe will be active until the Vco pulls into lock.
Internal Synchronized Frac strobe with clocks (gpo_sel= 4)
Setting register gpo_sel=4 in (Reg1Bh<3:0> table 32) gives visibility into the internally synchronized strobe that
is generated when commanding a frequency change by writing to the frac register. the internal strobe initiates the
update to the fractional modulator. the internal frac strobe, the ref path divider output and the sine reference input are
buffered out to GPo1, GPo2 and GPo3 respectively as shown in Figure 8. in this mode, GPo1 may be used to trigger
an external instrument when doing frequency hopping tests for example.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com