Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 6 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 2Page - Analog Devices HMC702LP6CE Datasheet HTML 3Page - Analog Devices HMC702LP6CE Datasheet HTML 4Page - Analog Devices HMC702LP6CE Datasheet HTML 5Page - Analog Devices HMC702LP6CE Datasheet HTML 6Page - Analog Devices HMC702LP6CE Datasheet HTML 7Page - Analog Devices HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices HMC702LP6CE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Typical Phase Noise
Typical Phase Noise @ 30 kHz Offset -
Fractional Mode
RF Divider Sensitivity
Frequency Sweep
Cycle Slip Prevention: Frequency Hop
from 5200 MHz to 3950 MHz
Typical Max Frequency vs.
Temperature -6 dBm, 3.3V
-110
-108
-106
-104
-102
-100
-98
-96
4000
6000
8000
10000
12000
14000
OUTPUT FREQUENCY (MHz)
HMC586LC4B
VCO
HMC587LC4B
VCO
HMC508LP5E
VCO
HMC588LC4B
VCO
HMC513LP5E
VCO
HMC515LP5E
VCO
HMC529LP5E
VCO
3900
4100
4300
4500
4700
4900
5100
5300
-10
0
10
20
30
40
50
60
70
TIME (us)
CSP ON
CSP OFF
-110
-100
-90
-80
-70
-60
13000
13500
14000
14500
15000
15500
FREQUENCY (MHz)
30kHz Offset, -40C
30kHz Offset, +25C
30kHz Offset, +85C
5850
5900
5950
6000
6050
6100
6150
-2
-1
0
1
2
3
TIME (ms)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
100
1000
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
INTEGER MODE 13GHz, 100MHz PFD
with HMC584 VCO
Typ FOM -228 dBc
FRAC MODE 12GHz, 50MHz PFD
with HMC582 VCO
Typ FOM -221dBc
-40
-30
-20
-10
0
10
0
2000
4000
6000
8000
10000 12000 14000
FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com