Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 22 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices HMC702LP6CE Datasheet HTML 24Page - Analog Devices HMC702LP6CE Datasheet HTML 25Page - Analog Devices HMC702LP6CE Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
22
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Soft Reset
the SPi registers may also be soft reset by an SPi write to strobe global_swrst_regs (Reg00h<0> table 6).
all other digital, including the fractional modulator, may be reset with an SPi write to strobe global_swrst_dig
(Reg00h<1> table 6).
Hardware Reset
the SPi registers may also be hardware reset by holding rStB, pin 19, low.
Power Down
the HMc702LP6cE may be powered down by writing a zero to Reg01h table 7. in power down state the HMc702LP6cE
should draw less than 10ua. it should be noted that Reg01h is the Enable and reset register which controls 16
separate functions in the chip. Depending upon the desired mode of operation of the chip, not all of the functions
may be enabled when in operation. Hence power up of the chip requires a selective write to Reg01 bits. an easy way
to return the chip to its prior state after a power down is to first read Reg01h and save the state, then write a zero to
Reg01h for reset and then simply rewrite the previous value to restore the chip to the desired operating mode.
CW Sweeper Mode
the HMc702LP6cE features a built in frequency sweeper function. this function supports external or automatic
triggered sweeps. the maximum sweep range is limited to 510 x Fxtal/r. For example, with a 10 MHz comparison
frequency, the maximum sweep range is 5100 MHz. the start and end frequency points must be within 5100 MHz of
one another. For sweep operation the Delta-Sigma Modulator mode should be Feed Forward (register 12h Bits [9:8]
= 11) otherwise discontinuities may occur when crossing integer-n boundaries (harmonic multiples of the comparison
frequency).
Sweeper Modes include:
a. 2-Way Sweep Mode: alternating positive and negative frequency ramps.
b. 1-Way Sweep Mode
c. Single Step ramp Mode
applications include test instrumentation, FMcW sensors, automotive radars and others. the parameters of the
sweep function are illustrated in Figure 16.
CW Sweeper Mode (Continued)
the sweep generator is enabled with ramp_enable in (Reg14h<1> table 25). the sweep function cycles through a
series of discrete frequency values, which may be
a. Stepped by an automatic sequencer, or
b. Single stepped by individual triggers in Single Step Mode.
triggering of each sweep, or step, may be configured to operate:
a. Via a serial port write to Reg14h<2> ramp_trigg (if reg 14h<2> = 0 )
b. automatically generated internally,
c. triggered via ttL input on GPo3 reg14h<5> = 1.
Sweep parameters are set as follows:
initial Frequency, fo = current frequency value of the synthesizer, (EQ 15)
Final Frequency, ff = Frequency of the synthesizer at the end of the ramp
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com