Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 20 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices HMC702LP6CE Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
20
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Figure 15. Charge Pump Gain, Trim and Phase Offset Control
Frequency Programming
the HMc702LP6cE can operate in either fractional mode or integer mode. in integer mode of operation the delta
sigma modulator is disabled. Frequency programming and mode control is described below.
Fractional Frequency
the fractional frequency synthesizer, when operating in fractional mode, can lock to frequencies which are fractional
multiples of the reference frequency.
Fractional mode is the default mode. to run in fractional mode ensure that dsm_integer_mode reg12h<3> table 24
is clear and dsm_rstb is set reg01<13> table 7. then program the frequency as explained below:
the output frequency of the synthesizer is given by, fvco, where
Fractional Frequency
of VCO
(EQ 13)
where
Nint
is the integer division ratio, an integer number between 36 and 65,533
(dsm_intg (Reg0Fh table 21))
Nfrac
is the fractional part, a number from 1 to 224 (dsm_frac Reg10h table 22)
R
is the reference path division ratio, (rfp_div_ratio Reg03h<13:0> table 9)
fxtal
is the frequency of the crystal oscillator input (XSin or XrEF Figure 4)
as an Example:
fxtal
= 50 MHz
R
= 1
fref
= 50 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com