Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 9Page - Analog Devices HMC702LP6CE Datasheet HTML 10Page - Analog Devices HMC702LP6CE Datasheet HTML 11Page - Analog Devices HMC702LP6CE Datasheet HTML 12Page - Analog Devices HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Figure 8. gpo_04 Outputs
Δ∑ Modulator Phase Accumulator (gpo_sel=6)
Setting register gpo_sel=6 (Reg1Bh<3:0> table 32) assigns the three msb’s of the delta sigma modulator first
accumulator to GPo<3:1> , where GPo3 is the msb. this feature provides insight into the phase of the Vco.
Auxiliary Oscillators (gpo_sel=7)
Setting register gpo_sel=7 (Reg1Bh<3:0> table 32) assigns an auxiliary clock, an internal ring oscillator, and the
internal sigma delta clock to GPo3, 2, 1 respectively. the control of the auxiliary clock is determined by reg18h table
29 and Reg19h table 30. in general terms, this highly flexible clock source allows the selection of one of the various
Vco or crystal related clocks inside the synthesizer or the selection of a flexible unstabilized auxiliary ring oscillator
clock. any of the sources may be routed out via gpo_sel=7. additional Reg18h table 29 clock controls allow the aux
clock to be delayed by a variable amount (auxclk_modesel Reg18h<3:2>), or to be divided down by even values from
2 to 14 (auxclk_divsel Reg18h<6:4>).
Δ∑ Modulator Outputs (gpo_sel=10)
Setting register gpo_sel=10 (Reg1B<3:0> table 32) assigns the three lsb’s of the delta sigma modulator output
to GPo<3:1>, where GPo1 is the lsb. this feature allows the possibility of using the HMc702LP6cE as a general
purpose digital delta sigma modulator for many possible applications.
External VCO
the HMc702LP6cE is targeted for ultra low phase noise applications with an external Vco. the synthesizer has
been designed to work with Vcos that can be tuned nominally over 0.5 to 4.5 Volts on the varactor tuning port with a
+5V charge pump supply voltage. Slightly wider ranges are possible with a +5.5V charge pump supply or with slightly
degraded performance.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com