Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 1 Page - Analog Devices

  HMC702LP6CE Datasheet HTML 1Page - Analog Devices HMC702LP6CE Datasheet HTML 2Page - Analog Devices HMC702LP6CE Datasheet HTML 3Page - Analog Devices HMC702LP6CE Datasheet HTML 4Page - Analog Devices HMC702LP6CE Datasheet HTML 5Page - Analog Devices HMC702LP6CE Datasheet HTML 6Page - Analog Devices HMC702LP6CE Datasheet HTML 7Page - Analog Devices HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Features
Functional Diagram
• Fractional or integer Modes
• 14 GHz, 16-Bit rF n-counter
• 24-Bit Step Size resolution, 6 Hz typ
• Ultra Low Phase noise 12 GHz, 50 MHz ref.
-98 / -103 dBc/Hz @ 20 kHz (Frac / integer)
• reference Path input: 200 MHz
• 14-Bit reference Path Divider
• Low Fractional Spurious
• reference spurs: -90 dBc typ
• auto and triggered Sweeper Functions
• cycle Slip Prevention (cSP) for fast settling
• auxiliary clock Source
• 40 Lead 6x6mm SMt Package: 36mm²
Typical Applications
• Base Stations for Mobile radio
(GSM, PcS, DcS, cDMa, WcDMa)
• Wireless Lans, WiMax
• communications test Equipment
• catV Equipment
• FMcW Sensors
• automotive radar
• Phased-array Systems
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC702LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 36P
14 GHz 16-BIT FRACTIONAL-N PLL
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
14 GHz 16-BIT FRACTIONAL-N PLL
More results

Similar Description - HMC702LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
8 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
14 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
8 GHz 16-Bit Fractional-N PLL
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
8 GHz fractionaL-N PLL
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
8 GHz 16-Bit Fractional-N PLL
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
8 GHZ FRACTIONAL-N PLL
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com