Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 18 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
18
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Figure 13. Delayed Lock Detect Window
For most applications the analog one shot window is sufficient. to determine the required Lock Detect one shot
window size:
required LD one Shot Window = (cP Phase offset (ns) + 8xtvco) x 1.3.
Cycle Slip Prevention (CSP)
When changing frequencies the Vco is not yet locked to the reference and the phase difference at the PFD varies
rapidly over a range much greater than ±2π radians. Since the gain of the PFD varies linearly with phase up to ±2π,
the gain of conventional PFDs will cycle from high gain, when the phase difference approaches a multiple of 2π, to
low gain, when the phase difference is slightly larger than a multiple of 0 radians. this phenomena is known as cycle
slipping. cycle slipping causes the pull-in rate during the locking phase to vary cyclically as shown in the red curve in
Figure 14. cycle slipping increases the time to lock to a value far greater than that predicted by normal small signal
Laplace analysis.
the HMc702LP6cE PFD features cycle Slip Prevention (cSP), an ability to virtually eliminate cycle slipping during
acquisition. When enabled, the cSP feature essentially holds the PFD gain at maximum until such time as the frequency
difference is near zero. cSP allows significantly faster lock times as shown inFigure 14. the use of the cSP feature is
enabled with pfds_rstb (Reg01<15> table 7). the cSP feature may be optimized for a given set of PLL dynamics by
adjusting the PFD sensitivity to cycle slipping. this is achieved by adjusting pfds_sat_deltaN (Reg1C<3:0> table 33).
cSP will cause the Vco n divider to momentarily divide by a higher or lower n value in order to pull the divided Vco
phase back towards the reference edge. the maximum recommended Vco n divider deviation is no more than
20% of the target n value programmed into register F. For example, if n=50 for the target frequency, then the cSP
Magnitude should be 10 or less so register 1ch Bits [3:0] would be programmed to ah.
in situations where the target n value is low, for example 36 the cSP behavior will be compromised because the
minimum Vco divide value is 32.
Figure 14. Cycle Slip Prevention (CSP)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com