Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 11 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 7Page - Analog Devices HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices HMC702LP6CE Datasheet HTML 10Page - Analog Devices HMC702LP6CE Datasheet HTML 11Page - Analog Devices HMC702LP6CE Datasheet HTML 12Page - Analog Devices HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
RF Path ’N’ Divider
the main rF path divider including a fixed divide-by-2, is capable of average divide ratios of even numbers between
131,062 and 72 in fractional mode, and 131,070 to 64 in integer mode. the reason for the difference between integer
and fractional modes is that the fractional divider actually divides by up to ±4 from the average divide number. actual
division ratios when used with a given Vco will depend upon the reference frequency used and the desired output
band.
General Purpose Output (GPO) Interface
the HMc702LP6cE features a 3-wire General Purpose output (GPo) interface. GPo registers are described in
Reg1Bh table 32. the GPo is a flexible interface that supports a number of different functions and real time waveform
access including:
a. General Data output from SPi register gpo_sel_0_
data (gpo_sel=0)
b. Prescaler & reference path outputs (gpo_sel=1)
c. Lock Detect Windows (gpo_sel=2)
d. anti-cycle Slip waveforms (gpo_sel=3)
e. internal synchronized frac strobe with clocks
(gposel=4)
f. Δ∑ Modulator Phase accumulator (gposel=6)
g. auxiliary oscillators (gposel=7)
h. Multiple Vco control, Latch Enables (gposel=9)
i. Δ∑ Modulator outputs (gposel=10)
General Data to GPO (gpo_sel=0)
Setting register gpo_sel=0 in table 32 assigns the 3-bit data from register gpo_sel_0_data Reg1B<6:4> to the GPo
bus.
Prescaler and Reference Path Outputs (gpo_sel = 1)
Setting register gpo_sel=1 (Reg1B<3:0> table 32) results in the input crystal being buffered out to GPo3 as shown in
Figure 6. this is useful for example to generate a copy of the input crystal signal to drive other circuits in the application,
while at the same time isolating the noisy circuits from the sensitive crystal output. often only the synthesizer requires
very low phase noise from the crystal, hence it is desirable to isolate other circuits from the crystal itself and allow the
synthesizer sole use of the low phase noise crystal.
gpo_sel=1 also routes the 250 MHz 14-bit reference path divider to GP02 and the 16-bit 14 GHz Vco path prescaler
output to GP01. this option allows the synthesizer to function as a stand alone fractional or integer prescaler and
provides visibility into the prescaler and reference path timing for sensitive applications.
Figure 6. gpo_01 Outputs
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com