Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC702LP6CE Datasheet(PDF) 19 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices HMC702LP6CE Datasheet HTML 22Page - Analog Devices HMC702LP6CE Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
19
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Charge Pump Gain
a simplified diagram of the charge pump is shown in Figure 15. charge pump up and down gains are set by cp_
UPcurrent_sel and cp_DNcurrent_sel respectively (Reg07 table 13). normally the registers are set to the same
value. Each of the UP and Dn charge pumps consist of 5-bit charge pumps with lsb of 125 µa. the current gain of the
pump, in amps/radian, is equal to the gain setting of this register divided by 2π.
For example if both cp_UPcurrent_sel and cp_DNcurrent_sel are set to ’01000’ the output current of each pump will
be 1ma and the gain Kp = 1ma/2π radians, or 159 ua/rad.
Charge Pump Gain Trim
in most applications Gain trim is not used. However it is available for special applications.
Each of the UP and Dn pumps may be trimmed separately to more precise values to improve current source matching
of the UP and Dn values, or to allow finer control of pump gain.
the pump trim controls are 3-bits, binary weighted for UP and Dn, in cp_UPtrim_sel and cp_DNtrim_sel respectively
(reg 08h table 14). LSB weight is 14.7 ua, x000 = 0 trim, x001 = 14.7 ua added trim, x111 = 100ua.
Charge Pump Phase Offset
Either of the UP or Dn charge pumps may have a Dc leakage or “offset” added. the leakage forces the phase detector
to operate with a phase offset between the reference and the divided Vco inputs. it is recommended to operate with
a phase offset when using fractional mode to reduce non-linear effects from the UP and Dn pump mismatch. Phase
noise in fractional mode is strongly affected by charge pump offset.
Dc leakage or “offset” may be added to the UP or Dn pumps using cp_UPoffset_sel and cp_DNoffset_sel (Reg08
table 14). these are 4 bit registers with 28.7ua LSB. Maximum offset is 430ua.
as an example, if the main pump gain was set at 1ma, an offset of 373ua would represent a phase offset of about
(392/1000)*360 = 133 degrees. For best spectral performance in Fractional Mode the leakage current should be
programmed to:
required Leakage current (µa) = (2.5E-9 + 8xtvco) x Fcomparison (Hz) x cP current (µa)
CP Offset Leakage Current should never exceed 25% of the programmed CP current.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com