Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 27 of 45
IMAGE REJECTION
The amplitude and phase mismatch of the baseband I and Q
paths directly translates to degradations in image rejection, and
for direct conversion systems, maximizing image rejection is
key to achieving performance and optimizing bandwidth. The
ADRF6820 offers phase adjustment of the I and Q paths
independently to allow quadrature correction. The quadrature
correction can be accessed by writing to Register 0x32, Bits[3:0]
for the I path correction and Register 0x32, Bits[7:4] for the Q
path correction. Figure 49 shows the available correction range
for various LO frequencies.
0
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15
ILO OR QLO SETTING
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
ILO ADJUST
LO = 740MHz
LO = 940MHz
LO = 1940MHz
LO = 2540MHz
QLO ADJUST
2.9°
2.5°
1.1°
0.9°
Figure 49. Quadrature Correction Range
Use the following equation to translate the gain and quadrature
phase mismatch to image rejection ratio (IRR) performance.
( )
( )
( )
e
e
2
e
e
e
2
e
A
A
A
A
dB
IRR
ϕ
−
+
ϕ
+
+
=
cos
2
1
cos
2
1
log
10
where:
Ae is the amplitude error.
φe is the phase error.
One of the dominant sources of phase error in a system
originates from the demodulator where the quadrature phase
split of the LO signal occurs. Figure 50 to Figure 52 show the
level of image rejection achievable from the ADRF6820 across
different sweep parameters with no correction applied.
25
27
29
31
33
35
37
39
41
43
45
700
900
1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
HIGH-SIDE LO: INT 2× LO
HIGH-SIDE LO: EXT. 1× LO, POLYPHASE
LOW-SIDE LO: INT 2× LO
LOW-SIDE LO: EXT. 1× LO, POLYPHASE
Figure 50. Image Rejection vs. RF Frequency, fIF = 200 MHz
25
27
29
31
33
35
37
39
41
43
45
–10
–8
–6
–4
–2
0
2
4
6
8
10
RF SIGNAL LEVEL (dBm)
LOW-SIDE LO: INT 2× LO
HIGH-SIDE LO: INT 2× LO
LOW-SIDE LO: EXT 1× LO, POLYPHASE
HIGH-SIDE LO: EXT 1× LO, POLYPHASE
Figure 51. Image Rejection vs. RF Signal Level, IF = 200 MHz, for High-Side LO
Injection fLO = 2000 MHz and fRF = 1800 MHz and Vice Versa for Low-Side Injection
25
27
29
31
33
35
37
39
41
43
45
0
100
200
300
400
500
600
EXTERNAL LO: POLYPHASE
INTERNAL 2× LO
IF FREQUENCY (MHz)
Figure 52. Image Rejection vs. IF Frequency, fLO = 1800 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com