Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 8 of 45
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO A
GROUND PLANE WITH LOW THERMAL IMPEDANCE.
TOP VIEW
(Not to Scale)
ADRF6820
VPOS_3P3
GND
GND
I+
I–
Q–
Q+
GND
GND
DECL1
VPOS_3P3
RFIN0
GND
DECL2
GND
GND
ENBL
GND
RFIN1
VPOS_5V
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 19, 30, 31, 36
VPOS_3P3
3.3 V Power Supply.
2, 3, 8, 9, 23, 25, 26, 28, 38
GND
Ground.
4, 5
I+, I−
Differential Baseband Outputs, I Channel.
6, 7
Q−, Q+
Differential Baseband Outputs, Q Channel.
10
DECL1
Decoupling for Mixer Load. Connect a 0.22 µF capacitor from DECL1 to GND.
11, 21
VPOS_5V
5 V Power Supply.
12
VOCM
Reference Voltage Input. This pin sets the output common-mode level.
13
SDIO
SPI Data.
14
SCLK
SPI Clock.
15
CS
Chip Select, Active Low.
16
MUXOUT
Multiplexer Output. Output pin providing the PLL reference signal or the PLL lock
detect.
17, 18
LOOUT+, LOOUT−
Differential LO Outputs.
20
RFSW
RF Switch Select. Selects between RFIN0 and RFIN1.
22, 29
RFIN1, RFIN0
RF Inputs. Single pole, double throw switch input.
24
ENBL
Enable, Active High.
27, 33
DECL2, DECL3
VCO LDO Decoupling.
32
VTUNE
VCO Tuning Voltage Input.
34, 35
LOIN−, LOIN+
Differential LO Inputs.
37
CP
PLL Charge Pump Output.
39
REFIN
PLL Reference Input.
40
DECL4
2.5 V LDO Decoupling.
EPAD
Exposed Pad. The exposed pad must be connected to a ground plane with low thermal
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com