Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 20 of 45
RF BALUN INSERTION LOSS OPTIMIZATION
As shown in Figure 34 to Figure 37, the gain of the ADRF6820
mixer was characterized for every combination of BAL_CIN and
BAL_COUT (Register 0x30, Bits[7:0]). As shown, a range of
BAL_CIN and BAL_COUT values can be used to optimize the
gain of the ADRF6820. The optimized values do not change with
temperature. After the values are chosen, the absolute gain changes
over temperature; however, the signature of the BAL_CIN and
BAL_COUT values is fixed.
At lower input frequencies, more capacitance is needed. This
capacitance increase is achieved by programming higher codes into
BAL_CIN and BAL_COUT. At higher frequencies, less capacitance
is required; therefore, lower BAL_CIN and BAL_COUT codes
are appropriate. Figure 38 shows the change in gain over frequency
for various BAL_CIN and BAL_COUT codes. Use Figure 34 to
Figure 38 only as guides; do not interpret them in the absolute
sense because every application and PCB design varies. Additional
fine-tuning may be necessary to achieve the maximum gain.
Table 16 shows the recommended BAL_CIN and BAL_COUT
settings for various RF frequencies.
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
CIN/COUT
–40°C
+25°C
+85°C
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
CIN
COUT
Figure 34. Gain vs. BAL_CIN and BAL_COUT at fRF = 900 MHz
CIN/COUT
–
12
–
10
–
8
–
6
–
4
–
2
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
–40°C
+25°C
+85°C
CIN
COUT
Figure 35. Gain vs. BAL_CIN and BAL_COUT at fRF = 2200 MHz
CIN/COUT
–
10
–
9
–
8
–
7
–
6
–
5
–
4
–
3
–
2
–
1
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
–40°C
+25°C
+85°C
CIN
COUT
Figure 36. Gain vs. BAL_CIN and BAL_COUT at fRF = 1900 MHz
CIN/COUT
CIN
COUT
–
16
–
14
–
12
–
10
–
8
–
6
–
4
–
2
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
–40°C
+25°C
+85°C
Figure 37. Gain vs. BAL_CIN and BAL_COUT at fRF = 2600 MHz
500
700
900
1100 1300 1500 1700 1900 2200 2400 2600
–12
–10
–8
–6
–4
–2
0
RF FREQUENCY (MHz)
CIN = 0, COUT = 0
CIN = 1, COUT = 1
CIN = 2, COUT = 2
CIN = 3, COUT = 3
CIN = 4, COUT = 4
CIN = 5, COUT = 5
CIN = 6, COUT = 6
CIN = 7, COUT = 7
Figure 38. Gain vs. RF Frequency for Various BAL_CIN and BAL_COUT Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com