Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 31 of 45
REGISTER ADDRESS DESCRIPTIONS
Address: 0x00, Reset: 0x0000, Name: SOFT_RESET
Table 18. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
0
SOFT_RESET
Soft reset
0x0000
W
Address: 0x01, Reset: 0xFE7F, Name: Enables
Table 19. Bit Descriptions for Enables
Bits
Bit Name
Settings
Description
Reset
Access
10
DMOD_EN
DMOD enable
0x1
RW
9
QUAD_DIV_EN
Quadrature divider path enable (2×/4×/8× LO)
0x1
RW
8
LO_DRV2X_EN
External 2× LO driver enable—before quad divider
0x0
RW
7
LO_DRV1X_EN
External 1× LO driver enable—after quad divider
0x0
RW
6
VCO_MUX_EN
VCO mux enable
0x1
RW
5
REF_BUF_EN
Reference buffer enable
0x1
RW
4
VCO_EN
Power up VCOs
0x1
RW
3
DIV_EN
Power up dividers
0x1
RW
2
CP_EN
Power up charge pump
0x1
RW
1
VCO_LDO_EN
Power up VCO LDO
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com