Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 37 of 45
Address: 0x23, Reset: 0x0000, Name: DGA_CTL
Table 27. Bit Descriptions for DGA_CTL
Bits
Bit Name
Settings
Description
Reset
Access
11
RFSW_MUX
RF switch mux
0x0
RW
0
Pin control (CNTRL)
1
Serial control (CNTRL)
9
RFSW_SEL
RF switch select
0x0
RW
0
RFIN0
1
RFIN1
[8:5]
RFDSA_SEL
RFDSA selection
0x0
RW
0000
0 dB
0001
1 dB
0010
2 dB
0011
3 dB
0100
4 dB
0101
5 dB
0110
6 dB
0111
7 dB
1000
8 dB
1001
9 dB
1010
10 dB
1011
11 dB
1100
12 dB
1101
13 dB
1110
14 dB
1111
15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com