Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 24 of 45
0
5
10
15
0
5
10
15
20
22
24
26
28
30
32
34
36
38
CDAC
RDAC
22
24
26
28
30
32
34
36
Figure 45. IIP3 vs. DEMOD_CDAC and DEMOD_RDAC, MIX_BIAS = 2 at
fRF = 2100 MHz
0
10
20
0
5
10
15
20
25
30
35
40
CDAC
22
24
26
28
30
32
34
36
38
Figure 46. IIP3 vs. DEMOD_CDAC and DEMOD_RDAC, MIX_BIAS = 2 at
fRF = 2700 MHz
Recommended Settings for BAL_CIN, BAL_COUT, MIX_BIAS, DEMOD_RDAC, and DEMOD_CDAC Settings
Table 16. Recommended Settings
BWSEL
fRF (MHz)
BAL_CIN
BAL_COUT
MIX_BIAS
DEMOD_RDAC
DEMOD_CDAC
0
500
7
7
2
9
10
0
600
7
7
2
9
10
0
700
7
7
2
8
11
0
800
7
3
2
9
4
0
900
6
2
1
8
7
0
1000
5
1
1
8
9
0
1100
3
2
1
9
6
0
1200
3
1
1
8
8
0
1300
2
1
2
8
7
0
1400
2
1
2
9
3
0
1500
1
1
2
9
4
0
1600
1
1
1
8
5
0
1700
1
0
1
8
5
0
1800
1
1
1
8
6
0
1900
1
0
1
8
5
0
2000
1
0
2
8
4
0
2100
1
0
2
8
4
0
2200
1
0
2
9
2
0
2300
1
0
2
9
3
0
2400
1
0
2
7
3
0
2500
1
0
2
7
3
0
2600
1
0
2
7
3
0
2700
1
0
1
8
4
0
2800
1
0
1
8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com