Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 12 of 45
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 21. 1× PFD Spurs vs. LO Frequency, Measured with
DIV4_EN = 1 (Divide by 2)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
TA = –40°C
TA = +25°C
TA = +85°C
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
LO FREQUENCY (GHz)
Figure 22. 2× PFD Spurs vs. LO Frequency, Measured with
DIV4_EN = 1 (Divide by 2)
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. 3× PFD Spurs vs. LO Frequency, Measured with
DIV4_EN = 1 (Divide by 2)
0
50
100
150
200
250
300
350
400
640
1140
1640
2140
2640
LO FREQUENCY (MHz)
EXTERNAL LO
INTERNAL LO
TA = –40°C
TA = +25°C
TA = +85°C
Figure 24. VPOS_3P3 Power Supply Current vs. LO Frequency
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
CIN = 0, COUT = 0
CIN = 1, COUT = 1
CIN = 2, COUT = 2
CIN = 3, COUT = 3
CIN = 4, COUT = 4
CIN = 5, COUT = 5
CIN = 6, COUT = 6
CIN = 7, COUT = 7
Figure 25. RFIN0/RFIN1 Return Loss for Multiple BAL_CIN and BAL_COUT
Combinations
–35
–30
–25
–20
–15
–10
–5
0
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 26. Return Loss of Unused RFINx Port vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com