Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 17 of 45
Required PLL/VCO Settings and Register Write Sequence
In addition to writing to the necessary registers to configure the
PLL and VCO for the desired LO frequency and phase noise
performance, the registers in Table 12 are required register writes.
To ensure that the PLL locks to the desired frequency, follow the
proper write sequence of the PLL registers. Configure the PLL
registers accordingly to achieve the desired frequency, and the
last writes must be to Register 0x02 (INT_DIV), Register 0x03
(FRAC_DIV), or Register 0x04 (MOD_DIV). When Register 0x02,
Register 0x03, and Register 0x04 are programmed, an internal
VCO calibration initiates, which is the last step to locking the PLL.
Table 12. Required PLL/VCO Register Writes
Address[Bits]
Bit Name
Setting
Description
0x21[3]
PFD_POLARITY
0x1
Negative polarity
0x49[15:0]
RESERVED,
SET_1, SET_0
0x14B4
Internal settings
ACTIVE MIXERS
The signal from the RFDSA is split to drive a pair of double
balanced, Gilbert cell active mixers, to be downconverted by the
LO signals to baseband. Program the current in the mixers by
changing the value of the MIX_BIAS bits (Register 0x31,
Bits[12:10]) for trade-off between output noise and linearity.
The active mixers employ a distortion correction circuit for
cancelling the third-order distortions coming from the mixers.
Determine the amplitude and phase of the correction signals by
the combination of control register entries DEMOD_RDAC and
DEMOD_CDAC (Register 0x31, Bits[8:5] and Register 0x31,
Bits[3:0], respectively). Refer to the IP3 and Noise Figure
Optimization section for more information.
Demodulator gain and bandwidth are set by the resistance and
capacitance in the mixer loads, which are controlled by the
BWSEL bits (Register 0x34, Bits[9:8]) according to Table 15. Refer
to the Bandwidth Select Modes section for more information.
BASEBAND BUFFERS
Emitter followers buffer the signals at the mixer loads and drive
the baseband output pins (I+, I−, Q−, and Q+). Bias currents of
the emitter followers are controlled by the BB_BIAS bits
(Register 0x34, Bits[11:10]), as shown in Table 13. Set the bias
current according to the load driving capabilities needed (that
is, BB_BIAS = 1 for the specified 200 Ω load, and BB_BIAS = 2
for the 50 Ω or 100 Ω loads are recommended). The differential
impedance of the baseband outputs is 50 Ω; however, the
ADRF6820 output load must be high (that is, 200 Ω) for
optimized linearity performance. Refer to the I/Q Output
Loading section for supporting data.
Table 13. Baseband Buffer Bias
BB_BIAS (Register 0x34, Bits[11:10])
Bias Current (mA)
00
0
01
4.5
10
9
11
13.5
SERIAL PORT INTERFACE (SPI)
The SPI of the ADRF6820 allows the user to configure the device
for specific functions or operations through a structured register
space provided inside the chip. This interface provides users with
added flexibility and customization. Addresses are accessed via
the serial port interface and can be written to or read from the
serial port interface.
The serial port interface consists of three control lines: SCLK,
SDIO, and CS. SCLK (serial clock) is the serial shift clock, and it
synchronizes the serial interface reads and writes. SDIO is the
serial data input or the serial data output depending on the
instruction sent and the relative position in the timing frame.
CS (chip select bar) is an active low control that gates the read
and write cycles. The falling edge of CS in conjunction with the
rising edge of SCLK determines the start of the frame. When CS
is high, all SCLK and SDIO activity is ignored. See Table 4 for
the serial timing and its definitions.
The ADRF6820 protocol consists of 7 register address bits,
followed by a read/write and 16 data bits. Both the address and
data fields are organized with the most significant bit (MSB)
first and end with the least significant bit (LSB).
On a write cycle, up to 16 bits of serial write data is shifted in,
MSB to LSB. If the rising edge of CS occurs before the LSB of
the serial data is latched, only the bits that were latched are
written to the device. If more than 16 data bits are shifted in, the
16 most recent bits are written to the device. The ADRF6820
input logic level for the write cycle supports an interface as low
as 1.8 V.
On a read cycle, up to 16 bits of serial read data is shifted out,
MSB first. Data shifted out beyond 16 bits is undefined. Read
back content at a given register address does not necessarily
correspond with the write data of the same address. The output
logic level for a read cycle is 2.5 V.
POWER SUPPLY SEQUENCING
The ADRF6820 operates from two nominal supply voltages,
3.3 V and 5 V. Careful consideration must be exercised to
ensure that the voltage on all pins connected to VPOS_3P3
never exceed the voltage on all pins connected to VPOS_5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com