Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 11 of 45
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
1.45
1.65
1.85
2.05
2.25
VCM (V)
900MHz
1900MHz
2100MHz
2650MHz
BWSEL = 0
BWSEL = 2
Figure 15. Gain vs. Common-Mode Voltage (VCM) for fRF = 900 MHz, fRF =
1900 MHz, fRF = 2100 MHz, and fRF = 2650 MHz for BWSEL = 0 and BWSEL = 2
9
10
11
12
13
14
15
16
17
18
19
1.45
1.65
1.85
2.05
2.25
VCM (V)
900MHz
1900MHz
2100MHz
2650MHz
BWSEL = 0
BWSEL = 2
Figure 16. Input P1dB (IP1dB) vs. Common-Mode Voltage (VCM) for fRF =
900 MHz, fRF = 1900 MHz, fRF = 2100 MHz, and fRF = 2650 MHz
0
50
100
150
200
250
300
350
1.45
1.55
1.65
1.75
1.85
1.95
2.05
2.15
2.25
VCM (V)
ICC (3.3V), INTERNAL LO
ICC (3.3V), EXTERNAL LO
ICC (5V)
Figure 17. Current Consumption (ICC) vs. Common-Mode Voltage (VCM),
Internal and External LO, fRF = 900 MHz, fRF = 1900 MHz, fRF = 2100 MHz,
fRF = 2100 MHz, and fRF = 2650 MHz
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
2.85
3.35
3.85
4.35
4.85
5.35
VCO FREQUENCY (GHz)
1kHz OFFSET
10kHz OFFSET
50kHz OFFSET
1MHz OFFSET
10MHz OFFSET
TA = –40°C
TA = +25°C
TA = +85°C
Figure 18. Open-Loop Phase Noise for 1 kHz, 10 kHz, 50 kHz, 1 MHz, and
10 MHz Offsets
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
2.85
3.35
3.85
4.35
4.85
5.35
VCO FREQUENCY (GHz)
100kHz OFFSET
500kHz OFFSET
800kHz OFFSET
40MHz OFFSET
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Open-Loop Phase Noise for 100 kHz, 500 kHz, 800 kHz, and
40 MHz Offsets
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
1425 1550 1675 1800 1925 2050 2175 2300 2425 2550 2675 2800
LO FREQUENCY (MHz)
50kHz OFFSET
100kHz OFFSET
40MHz OFFSET
500kHz OFFSET
200kHz OFFSET
TA = –40°C
TA = +25°C
TA = +85°C
1MHz OFFSET
Figure 20. Closed-Loop Phase Noise vs. LO Frequency, 20 kHz Bandwidth
Loop Filter, Measured with DIV4_EN = 1 (Divide by 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com