Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 29 of 45
LAYOUT
Careful layout of the ADRF6820 is necessary to optimize
performance and minimize stray parasitics. The ADRF6820
supports two RF inputs; therefore, the layout of the RF section
is critical in achieving isolation between each channel. Figure 58
shows the recommended layout for the RF inputs. Each RF input,
RFIN0 and RFIN1, is isolated between ground pins, and the
best layout approach is to keep the traces short and direct. To
achieve this, connect the pins directly to the center ground pad
of the exposed pad of the ADRF6820. This approach minimizes
the trace inductance and promotes better isolation between the
channels. In addition, for improved isolation, do not route the
RFIN0 and RFIN1 traces in parallel to each other; split the
traces immediately after each one leaves the pins. Keep the
traces as far away from each other as possible to prevent cross
coupling.
The input impedance of the RF inputs is 50 Ω, and the traces
leading to the pin must also have a 50 Ω characteristic impedance.
For unused RF inputs, terminate the pins with a dc blocking
capacitor to ground.
GND
GND
RFIN1
RFIN0
GND
Figure 58. Recommended RF Input Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com