Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 23 of 45
IP3 AND NOISE FIGURE OPTIMIZATION
The ADRF6820 can be configured for either improved
performance or reduced power consumption. In applications
where performance is critical, the ADRF6820 offers IP3 or noise
figure optimization. However, if power consumption is the priority,
the mixer bias current can be reduced to save on overall power
at the expense of degraded performance. Depending on the
application specific needs, the ADRF6820 offers configurability
that balances performance and power consumption.
Adjustments to the mixer bias setting have the most impact on
performance and power. For this reason, first adjust the mixer
bias. The active mixer core of the ADRF6820 is a linearized
transconductor. With increased bias current, the transconductor
becomes more linear, resulting in higher IP3. The higher IP3,
however, is at the expense of degraded noise figure and
increased power consumption. For a 1-bit change of the mixer
bias (MIX_BIAS, Register 0x31, Bits[12:10]), the total mixer
current increases by 8 mA.
Inevitably, there is a limit on how much the bias current can
increase before the improvement in linearity no longer justifies
the increase in power and noise. The mixer core reaches a point
where further increases in bias current do not translate to
improved linearity performance. When that point is reached,
decrease the bias current to a level where the desired performance
is achieved. Depending on the system specifications of the
customer, a balance between linearity, noise figure, and power
can be attained.
0
5
10
15
0
10
20
25
30
35
40
RDAC
26
28
30
32
34
36
38
Figure 43. IIP3 vs. DEMOD_CDAC and DEMOD_RDAC, MIX_BIAS = 3 at
fRF = 900 MHz
In addition to bias optimization, the ADRF6820 also has
configurable distortion cancellation circuitry. The linearized
transconductor input of the ADRF6820 is composed of a main
path and a secondary path. Through adjustments of the amplitude
and phase of the secondary path, the distortion generated by the
main path can be canceled, resulting in improved IP3 performance.
The amplitude and phase adjustments are located in the following
serial interface bits: DEMOD_RDAC (Register 0x31, Bits[8:5])
and DEMOD_CDAC (Register 0x31, Bits[3:0]).
Figure 43 to Figure 46 show the input IP3 and noise figure
sweeps for all DEMOD_RDAC, DEMOD_CDAC, and
MIX_BIAS combinations. The input IP3 vs. DEMOD_RDAC
and DEMOD_CDAC figures show both a surface and a contour
plot in one figure. The contour plot is located directly underneath
the surface plot. The best approach for reading the figures is to
locate the peaks on the surface plot, which indicate maximum
input IP3, and to follow the same color pattern to the contour
plot to determine the optimized DEMOD_RDAC and
DEMOD_CDAC values. The overall shape of the input IP3
plot does not vary with the MIX_BIAS setting; therefore, only
MIX_BIAS = 011 is displayed. Table 16 shows the recommended
MIX_BIAS, DEMOD_RDAC, and DEMOD_CDAC settings for
various RF frequencies. Use Table 16 and Figure 43 to Figure 46
as guides only; do not interpret them in the absolute sense
because every application and input signal varies.
0
5
10
15
0
5
10
15
20
25
30
35
40
CDAC
RDAC
24
26
28
30
32
34
36
38
Figure 44. IIP3 vs. DEMOD_CDAC and DEMOD_RDAC, MIX_BIAS = 2 at
fRF = 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com