Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6820ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6820ACPZ-R7
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6820ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6820ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 34 of 45
Address: 0x20, Reset: 0x0C26, Name: CP_CTL
Table 24. Bit Descriptions for CP_CTL
Bits
Bit Name
Settings
Description
Reset
Access
14
CPSEL
Charge pump reference current select
0x0
RW
0
Internal charge pump
1
External charge pump
[13:10]
CSCALE
Charge pump coarse scale current
0x3
RW
0001
250 µA
0011
500 µA
0111
750 µA
1111
1000 µA
[5:0]
BLEED
Charge pump bleed
0x26
RW
000000
0 µA
000001
15.625 µA sink
000010
31.25 µA sink
000011
46.875 µA sink
...
011111
484.375 µA sink
100000
0 µA
100001
15.625 µA source
100010
31.25 µA source
100011
46.875 µA source
...
111111
484.375 µA source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com