Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 12Page - Active-Semi, Inc ACT8870 Datasheet HTML 13Page - Active-Semi, Inc ACT8870 Datasheet HTML 14Page - Active-Semi, Inc ACT8870 Datasheet HTML 15Page - Active-Semi, Inc ACT8870 Datasheet HTML 16Page - Active-Semi, Inc ACT8870 Datasheet HTML 17Page - Active-Semi, Inc ACT8870 Datasheet HTML 18Page - Active-Semi, Inc ACT8870 Datasheet HTML 19Page - Active-Semi, Inc ACT8870 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
16
LDO1 ELECTRICAL CHARACTERISTICS
(VIN_LDO1 = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.4
5.5
V
Output Voltage Range–VSET
Configurable in 25mV steps
0.8
4.0
V
Output Current
VIN_LDO1 = 2.8V to 5.5V, LDO1_ILIM=11
0.75
A
Output Current
VIN_LDO1 = 2.4V to 2.8V, LDO1_ILIM=1x
0.4
A
Output Voltage Accuracy
VIN_LDO1 - VLDO1_OUT > 0.4V
-1
VSET
1
%
Line Regulation
VIN_LDO1 - VLDO1_OUT > 0.4V
VIN_LDO1 = 2.8V to 5.5V
ILDO1_OUT = 1mA
0.005
% / V
Load Regulation
ILDO1_OUT = 1mA to 750mA, LDO1_ILIM=11
0.15
% / A
Power Supply Rejection Ratio
f = 1kHz, ILDO1_OUT = 20mA, VLDO1_OUT = 2.5V
54
dB
f = 10kHz, ILDO1_OUT = 20mA, VLDO1_OUT = 2.5V
53
f = 2.25MHz, ILDO1_OUT = 20mA, VLDO1_OUT = 2.5V
44
Supply Current per Output
Regulator Enabled No Load
25
42
µA
Regulator Disabled
0
1
Soft-Start Period
VLDO1_OUT = 1.8V Setting (10% to 90%)
LDO1 SS_RAMP=00
LDO1 SS_RAMP=01
LDO1 SS_RAMP=10
LDO1 SS_RAMP=11
240
330
450
575
µs
VLDO1_OUT = 2.5V Setting (10% to 90%)
LDO1 SS_RAMP=00
LDO1 SS_RAMP=01
LDO1 SS_RAMP=10
LDO1 SS_RAMP=11
Not allowed
385
465
600
VLDO1_OUT = 3.3V Setting (10% to 90%)
LDO1 SS_RAMP=00
LDO1 SS_RAMP=01
LDO1 SS_RAMP=10
LDO1 SS_RAMP=11
Not allowed
450
525
660
Power Good Threshold
VLDO1_OUT Rising
92
93
94
%VNOM
Power Good Hysteresis
VLDO1_OUT Falling
3
%VNOM
Overvoltage Fault Threshold
VLDO1_OUT Rising
105
110
114
%VNOM
Overvoltage Fault Hysteresis
VLDO1_OUT Falling
3
%VNOM
Discharge Resistance
10
25
75
Ω
Dropout Voltage
ILDO1_OUT = 200mA
200
mV
Dropout Voltage
ILDO1_OUT = 400mA, LDO1_ILIM=1x
300
mV
Dropout Voltage
ILDO1_OUT = 750mA VIN_LDO1 > 2.8
LDO_ILIM=11
400
mV
Output Current Limit
LDO1_ILIM=00
LDO1_ILIM=01
LDO1_ILIM=10
LDO1_ILIM=11 (800mA min)
-15%
350
500
630
1000
+15%
mA
Startup Delay
Additional startup delay required before soft start ramp
LDO1_SS_RAMP=00
31
44
65
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com