Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 3Page - Active-Semi, Inc ACT8870 Datasheet HTML 4Page - Active-Semi, Inc ACT8870 Datasheet HTML 5Page - Active-Semi, Inc ACT8870 Datasheet HTML 6Page - Active-Semi, Inc ACT8870 Datasheet HTML 7Page - Active-Semi, Inc ACT8870 Datasheet HTML 8Page - Active-Semi, Inc ACT8870 Datasheet HTML 9Page - Active-Semi, Inc ACT8870 Datasheet HTML 10Page - Active-Semi, Inc ACT8870 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
7
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
All I/O and Power pins except PGND_B1, PGND_B2, PGND_B3, PGND_B4, GND
-0.3 to 6
V
Grounds: Any PGND referenced to GND
-0.3 to +0.3
V
SW_Bx to PGNDx
-0.3 to VIN_Bx + 1
V
FB_Bx to PGNDx
-0.3 to VIN_Bx +0.3
V
OUT_LDOx to PGNDx
-0.3 to VINx + 0.3
V
EXT_EN, nRESET_AUX1, nRESET_AUX2
-0.3 to VIO_IN + 0.3
V
Junction to Ambient Thermal Resistance, QFN (Note2)
26
°C/W
Junction to Ambient Thermal Resistance, WCSP (Note2)
31
°C/W
Operating Junction Temperature
-40 to 125
°C
Storage Temperature
-55 to 150
°C
Note1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect
device reliability.
Note2: Measured on Active-Semi Evaluation Kit
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN, VIN_B1, VIN_B2, VIN_B3, VIN_B4, VIN_LDO1,
VIN_LDO23
2.8
5.5
V
VIO_IN
1.62
5.5
V
Average lifetime operating current. QFN. (Note 1)
SW_B2,SW_B3,SW_B4
SW_B1
1.6
3.2
A
Operating Junction Temperature
-40
105
°C
Note1: This temperature range is used for lifetime reliability testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com