Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 9Page - Active-Semi, Inc ACT8870 Datasheet HTML 10Page - Active-Semi, Inc ACT8870 Datasheet HTML 11Page - Active-Semi, Inc ACT8870 Datasheet HTML 12Page - Active-Semi, Inc ACT8870 Datasheet HTML 13Page - Active-Semi, Inc ACT8870 Datasheet HTML 14Page - Active-Semi, Inc ACT8870 Datasheet HTML 15Page - Active-Semi, Inc ACT8870 Datasheet HTML 16Page - Active-Semi, Inc ACT8870 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
13
INTERNAL STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS REGULATOR: (BUCK1) –
BYPASS MODE
(VIN_B1 = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Bypass Mode
Input Voltage for By-Pass Mode
2.7
3.3
3.7
V
PMOS On-Resistance
ISW = -1A, VIN = 3.3V
Max=125°C at TJunction
0.025
0.04
Ω
Internal PMOS Current Detection
Triggers Interrupt on IRQ Pin
2
3
4
A
Internal PMOS Current Detection
Deglitch Time
10
µs
Internal PMOS Current Shutdown
Shuts down after deglitch time and stays off for Off Time
4.8
6.0
7.2
A
Internal PMOS Current Shutdown
Deglitch Time
10
µs
Internal PMOS Current Shutdown Off
time
100
ms
Internal PMOS Softstart
Only used with 3.3V Input
5.94
6.6
7.26
mV/us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com