Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc ACT8870 Datasheet HTML 27Page - Active-Semi, Inc ACT8870 Datasheet HTML 28Page - Active-Semi, Inc ACT8870 Datasheet HTML 29Page - Active-Semi, Inc ACT8870 Datasheet HTML 30Page - Active-Semi, Inc ACT8870 Datasheet HTML 31Page - Active-Semi, Inc ACT8870 Datasheet HTML 32Page - Active-Semi, Inc ACT8870 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
29
the LDO limits the output current which causes the out-
put voltage to drop. This can result in an undervoltage
fault in addition to the current limit fault. If an LDO
reaches current limit protection, the status is reported in
the ILIM_REG[x] I2C registers. The contents of these
registers are latched until read via I2C. When the cur-
rent limiting results in a drop in output voltage that trig-
gers an undervoltage condition, the IC shuts down all
power supplies, asserts IRQ low, and enters the
UVLOFLT state. The IC restarts in 100ms and starts up
with default sequencing. Overcurrent and short circuit
conditions
can
be
masked
via
the
I2C
bit
LDOx_ILIM_FLTMSK.
Input Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
input capacitor. A 1uF is typically suitable, but this value
can be increased without limit. The input capacitor is
should be a X5R, X7R, or similar dielectric.
Output Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
output capacitor. A 1uF is typically suitable, but this
value can be increased without limit. The input capacitor
is should be a X5R, X7R, or similar dielectric.
PC board layout guidance
Proper parts placement and PCB layout are critical to
the operation of switching power supplies. Follow the
following layout guidelines when designing the
ACT8870 PCB. Refer to the Active-Semi ACT8870
Evaluation Kits for layout examples
1. Place the buck input capacitors as close as possible
to the IC. Connect the capacitors directly to the
corresponding VIN_Bx input pin and PGNDx power
ground pin. Avoid the use of vias if possible.
2. Minimize the switch node trace length between
each SW_Bx pin and the inductor. Avoid routing
sensitive analog signals near these high frequency,
high dV/dt traces.
3. Place the LDO input capacitors close to their input
pins. Connect their ground pins into the ground
plane that connects the IC’s exposed pad.
4. The input capacitor and output capacitor grounds
should be connected as close together as possible,
with short, direct, and wide traces.
5. Connect the PGNDx ground pins and the AGND
ground pin directly to the exposed pad under the IC.
The AGND ground plane should be routed
separately from the other ground planes and only
connect to the main ground plane under the IC at
the AGND pin.
6. Connect the VIO_IN input capacitor to the AGND
ground pin.
7. Connect the VIN input capacitor to the AGND
ground pin.
8. Remember that all open drain outputs need pullup
resistors.
9. Connect the exposed pad directly the top layer
ground plane. Connect the top layer ground plane
to both internal ground planes and the PCB
backside ground plane with thermal vias. Provide
ground plane routing on multiple layers that allows
the IC’s heat to flow into the PCB and then spread
radially from the IC. Avoid cutting the ground planes
and adding vias that restrict the radial flow of heat.of
operating conditions, and are relatively insensitive
to layout considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com