Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8870 Datasheet HTML 1Page - Active-Semi, Inc ACT8870 Datasheet HTML 2Page - Active-Semi, Inc ACT8870 Datasheet HTML 3Page - Active-Semi, Inc ACT8870 Datasheet HTML 4Page - Active-Semi, Inc ACT8870 Datasheet HTML 5Page - Active-Semi, Inc ACT8870 Datasheet HTML 6Page - Active-Semi, Inc ACT8870 Datasheet HTML 7Page - Active-Semi, Inc ACT8870 Datasheet HTML 8Page - Active-Semi, Inc ACT8870 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
2
Typical Application Diagram
MCU
LDO2 (200mA)
BUCK1 (4.0A)
BUCK2 (2.5A)
BUCK4 (2.5A)
BUCK3 (2.5A)
LDO3 (200mA)
LDO1 (800mA)
SCL
SDA
nRESET
IRQ
PG
DC/DC
REGULATOR
ENABLE
ACT8870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com