Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 30Page - Active-Semi, Inc ACT8870 Datasheet HTML 31Page - Active-Semi, Inc ACT8870 Datasheet HTML 32Page - Active-Semi, Inc ACT8870 Datasheet HTML 33Page - Active-Semi, Inc ACT8870 Datasheet HTML 34Page - Active-Semi, Inc ACT8870 Datasheet HTML 35Page - Active-Semi, Inc ACT8870 Datasheet HTML 36Page - Active-Semi, Inc ACT8870 Datasheet HTML 37Page - Active-Semi, Inc ACT8870 Datasheet HTML 38Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
37
PACKAGE OUTLINE AND DIMENSIONS QFN55-40
40L FCSLP
(5x5mm)
PIN#1DOT
BY MARKING
PI N# 1 ID
C0 .200
Top View
Bottom View
Side View
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.800
0.900
0.031
0.035
A1
-
0.050
-
0.002
A3
0.203 REF
0.008 REF
D
4.950
5.050
0.195
0.199
E
4.950
5.050
0.195
0.199
D2
1.250
1.350
0.049
0.053
E2
1.050
1.150
0.041
0.045
b
0.150
0.250
0.006
0.010
e
0.400 BSC
0.016 BSC
L
0.350
0.450
0.014
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com