Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 21Page - Active-Semi, Inc ACT8870 Datasheet HTML 22Page - Active-Semi, Inc ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc ACT8870 Datasheet HTML 27Page - Active-Semi, Inc ACT8870 Datasheet HTML 28Page - Active-Semi, Inc ACT8870 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
25
IRQ
The IRQ pin is an output that issues an interrupt to the
host CPU/Controller when an ACT8870 fault or warning
condition occurs.
IRQ is triggered by:
1. Die temperature exceeding Thermal Interrupt
Threshold of 135C.
2. Any buck regulator reaching peak current limit,
ILIMSET, for 16 cycles after softstart.
3. Any
LDO
regulator
reaching
current
limit,
LDOx_ILIM, for more than 16us after softstart.
4. BUCK1 PMOS switch exceeding Current Detection
threshold 75% of ILIMSET when system is
configured in bypass mode.
IRQ is masked by the I2C register 0x00h bit2
(IRQ_nMASK) by default to mask all IRQ conditions. To
enable IRQ functionality, set IRQ_nMASK = 1. IRQ is an
active-low open drain 5.5V compatible output.
POK
POK indicates that the voltage on the VIN pin is inside
the POK UV and OV Interrupt Thresholds. If the VIN
voltage is above or below these values, POK pulls low
to interrupt the host CPU/Controller. POK is masked by
the I2C bit POK_nMASK by default. To enable POK
functionality, set I2C bit POK_nMASK = 1. I2C bits
POK_OV and POK_UV provide real-time UV and OV
status, even when POK is masked. The POK UV and
OV threshold are configurable via the I2C bits
POK_UV_SET and POK_OV_SET.
POK is an open drain output and is 5.5V tolerant
meaning that POK can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
nRESET_AUX1 and nRESET_AUX2
nRESET_AUX1 and nRESET_AUX2 pins can be used
to signal that the IC is in the SLEEP state or that the
input voltage is above or below the UV or OV threshold.
They can also be tied to one or a combination of the
power supply’s internal POK signal. These outputs are
immediately asserted low, but follow a programmed
delay when de-asserted. The nRESET_AUX1 delay
time is controlled by the I2C bits RST_AUX1_DLY[2:0],
which programs the delay between 400us and 2mS in
227us steps. The nRESET_AUX2 delay time is
controlled by the I2C bits RST_AUX2_DLY[2:0], which
programs the delay between 200us and 1ms in 114us
steps. These pins are open drain output and 5.5V
tolerant meaning that they can be pulled up to 5.5V
even if VIO_IN is less than 5.5V.
nRESET
nRESET issues the main reset to the CPU/controller.
nRESET is immediately asserted low when either the
VIN voltage is above or below the UV or OV thresholds
or any valid output supply voltage is below its Power
Good threshold. After startup, nRESET de-asserts after
a programmable delay time when VIN and all outputs
are above their respective UVLO thresholds. The
nRESET delay time is controlled by the I2C bits
nRST_DLY[2:0], which programs the delay between
200us and 1ms in 114us steps. nRESET is configurable,
so refer to the CMI Options section in the back of the
datasheet for its specific functionality for each CMI.
nRESET is an open drain output and is 5.5V tolerant
meaning that nRESET can be pulled up to 5.5V even if
VIO_IN is less than 5.5V.
EXT_EN
EXT_EN is used to control an external regulator or to
provide a control signal to other system components.
Depending on the MODE pin status, EXT_EN is either
an exact output of the ACT8870’s internal BUCK1
enable signal or an exact output of the bypass switch
enable signal. The I2C bit EXT_EN_POL controls the
EXT_EN polarity. EXT_EN is active high when
EXT_EN_POL is low and EXT_EN is active low when
EXT_EN_POL is high. EXT_EN is a push-pull CMOS
output using VIO_IN supply. Note that the EXT_EN
output is enabled and valid in all modes of operation.
EXT_EN is configurable, so refer to the CMI Options
section in the back of the datasheet for its specific
functionality for each CMI.
PG signals the status of a regulator’s Power Good / UV
comparator. When the regulator is below the Power
Good threshold, the PG pin is pulled low. When above
the threshold, the PG pin is open drain. The PG
functionality is enabled by default, but can be disabled
by I2C.
Disable PG for each regulator using the
regulator’s UV_FLTMSK bit. PG is configurable, so
refer to the back of the datasheet for its specific
functionality for each CMI. PG is an open drain output
and is 5V tolerant meaning that PG can be pulled up to
5.5V even if VIO_IN is less than 5.5V.
Step-down dc/dc Converters
General Description
The ACT8870 contains four fully integrated step-down
converters. Buck1 is a 4A output, while Buck2, Buck3,
and Buck4 are 2.5A outputs. All buck converters are
fixed frequency, current-mode controlled, synchronous
PWM converters that achieve peak efficiencies of up to
96.5%. The buck converters switch at 2.25MHz and are
internally compensated, requiring only three small
external components (Cin, Cout, and L) for operation.
They ship with default output voltages that can be
modified via the I2C interface for systems that require
advanced power management functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com