Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 17Page - Active-Semi, Inc ACT8870 Datasheet HTML 18Page - Active-Semi, Inc ACT8870 Datasheet HTML 19Page - Active-Semi, Inc ACT8870 Datasheet HTML 20Page - Active-Semi, Inc ACT8870 Datasheet HTML 21Page - Active-Semi, Inc ACT8870 Datasheet HTML 22Page - Active-Semi, Inc ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
21
SYSTEM CONTROL INFORMATION
General
The ACT8870 is a single-chip integrated power man-
agement solution designed to power many processors
such as the Atmel SAMA5D3. It integrates four highly
efficient buck regulators, three LDOs, and an integrated
load bypass switch. Its high integration and high switch-
ing frequency result in an extremely small footprint and
lost power solution. It contains a master controller that
manages startup sequencing, timing, voltages, slew
rates, sleep states, and fault conditions. I2C configura-
bility allows system level changes without the need for
costly PCB changes. The built-in load bypass switch en-
ables full sequencing configurability in 3.3V systems.
The ACT8870 master controller monitors all outputs and
reports faults via I2C and hardwired status signals.
Faults can masked and fault levels and responses are
configurable via I2C.
Many of the ACT8870 pins and functions are configura-
ble. The IC’s default functionality is defined by the de-
fault CMI (Code Matrix Index), but much of this function-
ality can be changed via I2C. The first part of the
datasheet describes basic IC functionality and default
pin functions. The end of the datasheet provides the
configuration and functionality specific to each CMI ver-
sion. Contact sales@active-semi.com for additional in-
formation about other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT8870 uses standard I2C commands. The
ACT8870 operates as a slave device, and is addressed
using a 7-bit slave address of 0x5Ah followed by an
eighth bit, which indicates whether the transaction is a
read-operation or a write-operation 1011010x. “x” is a 0
for write operation and 1 for a read operation. Use ad-
dress 0xB4h for write operations and 0xB5h for read op-
erations.
There is no timeout function in the I2C packet pro-
cessing state machine, however, any time the I2C state
machine receives a start bit command, it immediately
resets the packet processing, even if it is in the middle
of a valid packet.
The ACT8870 holds the I2C state machine in reset dur-
ing the RESET, Idle, OVUVFLT, and THERMAL states
to avoid a corruption of registers when the voltage reg-
ulators are out of spec.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pullup resistor. Signals on these pins must meet timing
requirements in the Electrical Characteristics Table.
I2C Registers
The ACT8870 contains an array of internal registers
contain the IC’s basic instructions for setting up the IC
configuration, output voltages, sequencing, fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify the R/W register values to change IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values to change IC functionality. Changes in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory to optimize IC functionality for specific
applications. Please consult sales@active-semi.com for
custom options and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
The ACT8870 contains an internal state machine with
five internal states.
RESET State
In the RESET, or “cold” state, the ACT8870 is waiting
for the input voltage on VIN to be within a valid range
defined by I2C bits POK_OV_SET and POK_UV_SET.
All regulators are off in RESET. nRESET, nRE-
SET_AUX1, and nRESET_AUX2 are asserted low. All
volatile registers are reset to defaults and Non-Volatile
registers are reset to programmed defaults. The IC tran-
sitions from RESET to ACTIVE when the input voltage
enters the valid range. The IC transitions from any other
state to RESET if the input voltage drops below the
UVLO threshold voltage.
ACTIVE State
The ACTIVE state is the normal operating state when
the input voltage is within the allowable range, all out-
puts are turned on, and no faults are present. When en-
tering the ACTIVE state from the RESET state, all reg-
ulators are powered on following their programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com