Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8870 Datasheet HTML 1Page - Active-Semi, Inc ACT8870 Datasheet HTML 2Page - Active-Semi, Inc ACT8870 Datasheet HTML 3Page - Active-Semi, Inc ACT8870 Datasheet HTML 4Page - Active-Semi, Inc ACT8870 Datasheet HTML 5Page - Active-Semi, Inc ACT8870 Datasheet HTML 6Page - Active-Semi, Inc ACT8870 Datasheet HTML 7Page - Active-Semi, Inc ACT8870 Datasheet HTML 8Page - Active-Semi, Inc ACT8870 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
3
FUNCTIONAL BLOCK DIAGRAM
FB_B2
Buck1 and 
Bypass 
Controller
FB_B1
Buck2
Controller
Buck3
Controller
Buck4
Controller
POK
PWREN
nRESET
nRESET_AUX2
nRESET_AUX1
IRQ
VIO_IN
SCK
MODE
Vref
Vref
Vref
Vref
PG
VIN
FB_B1
AGND
OUT_LDO1
VIN_LDO1
Vref
OUT_LDO2
OUT_LDO3
VIN_LDO23
Vref
Vref
2x22µF
1µF
SW_B1
PGND_B 1 
Supply
VIN_B1 
1µF
Supply
VIN_B2
PGND_B2
PGND_B3
PGND_B4
VIN_B4
VIN_B3
FB_B2
22µF
SW_B2
Supply
Supply
FB_B3
22µF
SW_B3
FB_B4
22µF
SW_B4
FB_B3
FB_B4
1µF
Supply
Supply
1µF
1µF
Supply
EXT_PG
EXT_EN
VIO_IN
VIO_IN
ENABLE
Power _Good
GPIO
VIN
VIN
SDA
VIO_IN
VIO_IN
VIO_IN
IO Supply
VIO_IN
VIO_IN
VIO_IN
VIO_IN
ACT8870
VIO_IN
VIO_IN
VIO_IN
Digital 
Core
1µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com