Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 18Page - Active-Semi, Inc ACT8870 Datasheet HTML 19Page - Active-Semi, Inc ACT8870 Datasheet HTML 20Page - Active-Semi, Inc ACT8870 Datasheet HTML 21Page - Active-Semi, Inc ACT8870 Datasheet HTML 22Page - Active-Semi, Inc ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
22
power up sequence. The regulators are not sequenced
when entering ACTIVE from SLEEP.
SLEEP State
The SLEEP state is a low power mode for the operating
system. Each output can be programmed to be on or off
in the SLEEP state. The outputs do not follow any se-
quencing when turning on or off as they enter or exit the
SLEEP state. They do turn on with their programmed
softstart time. Buck1/2/3/4 can be programmed to regu-
late to their VSET0 voltage, VSET1 voltage, or be
turned off in the SLEEP state. LDO1/2/3 can be pro-
grammed to regulate to their VSET0 voltage or can be
programmed to be turned off. Note that LDO1/2/3 do
not have a VSET1 voltage.
The IC can enter SLEEP via a hardware input pin or an
I2C command.
The hardware input is typically the
PWREN pin, but this can be reconfigured to other pins.
To enable SLEEP via I2C, program the following:
Set register 0x08h bit1 (PWR_DN_MODE) = 1
Set register 0x00h bit0 (PWRDN_EN) = 1
To enter SLEEP, program register 0x01h bit1
(SLP_ENTR) = 1.
I2C is disabled in SLEEP mode, to the only way to exit
SLEEP mode is to toggle the PWREN pin.
THERMAL State
In the THERMAL state the chip has exceeded the ther-
mal shutdown temperature. To protect the device, all
the regulators are shut down and all three nRESETx
pins are asserted low. This state can be disabled by set-
ting register 0x0Ah bit4 (TSD_nMASK) = 0. Note that
thermal shutdown fault flag, TSD_SHUTDWN, still pro-
vides the thermal status even TSD_nMASK = 0.
OVUVFLT State
In the OVUVFLT state one of the regulators has exceed
an OV level at any time or UV level after the soft start
ramp has completed. All regulators shutdown and all
three nRESETx outputs are asserted low when the IC
enters OVUVFLT state. The OVUVFLT state is timed to
retry after 100ms and enter the ACTIVE state. If the OV
or UV condition still exists in the ACTIVE state the IC
returns back to the OVUVFLT state. The cycle contin-
ues until the OV or UV fault is removed or the input
power is removed. This state can be disabled by setting
the OV_nMASK or UV_nMASK non-volatile bits low.
The IC does not directly enter OVUVFLT in an overcur-
rent condition, but does enter this state due to the re-
sulting UV condition.
Figure 3. State Machine
Sequencing
The ACT8870 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each of the seven outputs
has four basic sequencing parameters: input trigger,
turn-on delay, softstart time, and output voltage. Each of
these parameters is controlled via the ICs internal
registers. As an example, the ACT8870QJ101-T
sequencing and output voltages are optimized for the
Atmel SAMA5D3D3 processor. The specifics for this IC
as well as others are detailed at the end of the datasheet.
Contact sales@active-semi.com for custom sequencing
configurations. Refer to the Active-Semi Application
Note describing the Register Map for full details on I2C
functionality and programming ranges.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the
internal power ok (POK) signal from one of the other
regulators, the internal VIN POK signal, or an external
signal applied to an input pin such as EXT_PG or GPIO.
This flexibility allows a wide range of sequencing
possibilities, including have some of the outputs be
sequenced with another external power supply or a
control signal from the host. As an example, if the LDO1
input trigger is Buck1, LDO1 will not turn on until Buck1
is in regulation. Input triggers are defined at the factory
and can only be changed with a custom CMI
configuration. The nRESETx, POK, PG, and EXT_EN
outputs can be connected to a power supply’s internal
POK signal and used to trigger external supplies in the
overall sequencing scheme.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ONDLY. Turn-on delays can be changed after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com