Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 30Page - Active-Semi, Inc ACT8870 Datasheet HTML 31Page - Active-Semi, Inc ACT8870 Datasheet HTML 32Page - Active-Semi, Inc ACT8870 Datasheet HTML 33Page - Active-Semi, Inc ACT8870 Datasheet HTML 34Page - Active-Semi, Inc ACT8870 Datasheet HTML 35Page - Active-Semi, Inc ACT8870 Datasheet HTML 36Page - Active-Semi, Inc ACT8870 Datasheet HTML 37Page - Active-Semi, Inc ACT8870 Datasheet HTML 38Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
34
Recommended External Components
The following components have been used with the ACT8870.
REFERENCE
DESCRIPTION
MANUFACTURER
Input Capacitor, Buck1
22uF, 6.3V, X5R
Samsung, CL10A226MQ8NRNC
Input Capacitor, Buck2/3/4
10uF, 10V, X5R
Samsung, CL10A106KP8NNNC
Input Capacitor, LDO1/2/3
1uF, 25V, X7R
Yageo, CC0603KRX7R8BB105
Output Capacitor, Buck1
2x22uF, 6.3V, X5R
Samsung, CL10A226MQ8NRNC
Output Capacitor, Buck2/3/4
22uF, 6.3V, X5R
Samsung, CL10A226MQ8NRNC
Output Capacitor, LDO1/2/3
1uF, 25V, X7R
Yageo, CC0603KRX7R8BB105
Inductor, Buck1
1uH, 10.8mohm
Coilcraft, XFL4020-102
Inductor, Buck2/3/4
1uH, 15mohm
Wurth, 74438356010
VIO_IN
100nF, 6.3V, X5R
Standard
VIN
1uF, 6,3V, X5R
Standard
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT8870 CMI option. Refer to each
option’s application note for the comprehensive list of default settings
CMI 101
CMI 101 is optimized for Atmel SAMA5D2. Buck1 is not used in this application. Buck4 and LDO1 power the SAMA5D2
Group 2 power supply inputs. Buck2 and Buck3 power the Group 1 power supply inputs. LDO3 powers VDDFUSE
which is not part of Group 1 or Group 2. LDO2 provides 1.8V power for other parts of the system.
Sequencing
Rail
Active
Mode
Voltage
(V)
Sleep
Mode
Voltage
(V)
DVS
Voltage
(V)
DVS slew
rate (mV/us)
Nominal
Current (A)
Current
Limit
Setting(A)
Sequencing
Input
Trigger
StartUp
Delay (us)
Soft-Start
(us)
Buck 1
OFF
N/A
OFF
N/A
N/A
N/A
N/A
Buck 2
1.5
N/A
1.35
3.12
0.1
2
LDO3_PG
200
500
Buck 3
1.25
N/A
1.25
3.12
0.1
2
BUCK2_PG
700
700
Buck 4
3.3
N/A
3.3
3.12
0.1
2
VIN_UVLO
300
700
LDO1
3.3
N/A
3.3
NA
0.4
0.5
VIN_UVLO
100
613
LDO2
1.8
N/A
1.8
NA
0.05
0.2
BUCK4 PG
300
150
LDO3
2.5
N/A
2.5
NA
0.05
0.2
LDO2_PG
300
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com