Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 35 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 35 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 30Page - Active-Semi, Inc ACT8870 Datasheet HTML 31Page - Active-Semi, Inc ACT8870 Datasheet HTML 32Page - Active-Semi, Inc ACT8870 Datasheet HTML 33Page - Active-Semi, Inc ACT8870 Datasheet HTML 34Page - Active-Semi, Inc ACT8870 Datasheet HTML 35Page - Active-Semi, Inc ACT8870 Datasheet HTML 36Page - Active-Semi, Inc ACT8870 Datasheet HTML 37Page - Active-Semi, Inc ACT8870 Datasheet HTML 38Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
35
SLEEP Mode
SLEEP Mode is not available in CMI 101. Connect PWREN to AGND
DVS Mode
DVS mode does not require changing I2C bit DVS_EN. The IC can enter DVS mode regardless of the DVS_EN setting.
Drive EXT_PG to a logic L for normal operation. Drive EXT_PG to a logic H for DVS mode. Note that Buck3/4 cannot
enter DVS mode with this CMI code. Their VSET1 setting is not used.
POK Thresholds
POK_UV = 2.8V
POK_OV = 5.5V
PG
The PG pin is asserted high when Buck4 is in regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com