Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8870 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 6Page - Active-Semi, Inc ACT8870 Datasheet HTML 7Page - Active-Semi, Inc ACT8870 Datasheet HTML 8Page - Active-Semi, Inc ACT8870 Datasheet HTML 9Page - Active-Semi, Inc ACT8870 Datasheet HTML 10Page - Active-Semi, Inc ACT8870 Datasheet HTML 11Page - Active-Semi, Inc ACT8870 Datasheet HTML 12Page - Active-Semi, Inc ACT8870 Datasheet HTML 13Page - Active-Semi, Inc ACT8870 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
10
Thermal Interrupt Hysteresis
15
°C
POK UV Interrupt Threshold Falling (VIN_LVL=0)
(Note 3) (Note 4)
POK_UV_SET=00 (88% of 3.3V)
POK_UV_SET=01 (86% of 3.3V)
POK_UV_SET=10 (84% of 3.3V)
POK_UV_SET=11 (Disable)
2.80
2.74
2.67
N/A
2.90
2.84
2.77
N/A
3.00
2.94
2.87
N/A
V
POK UV Interrupt Threshold Falling (VIN_LVL=1)
(Note 3) (Note 4)
POK_UV_SET=00 (88% of 3.3V)
POK_UV_SET=01 (85% of 3.3V)
POK_UV_SET=10 (85% of 5.0V)
POK_UV_SET=11 (Disable)
2.80
2.70
4.08
N/A
2.90
2.80
4.25
N/A
3.00
2.90
4.42
N/A
V
POK OV Interrupt Threshold Rising (VIN_LVL=0)
(Note 3) (Note 4)
POK_OV_SET=00 (107% of 3.3V)
POK_OV_SET=01 (109% of 3.3V)
POK_OV_SET=10 (110% of 3.3V)
POK_OV_SET=11 (Disable)
3.43
3.50
3.53
N/A
3.53
3.60
3.63
N/A
3.63
3.70
3.73
N/A
V
POK OV Interrupt Threshold Rising (VIN_LVL=1,
POK_LVL = 0) (Note 3) (Note 4)
POK_OV_SET=00 (133% of 3.3V)
POK_OV_SET=01 (136% of 3.3V)
POK_OV_SET=10 (136% of 3.3V)
POK_OV_SET=11 (Disable)
4.23
4.33
4.33
N/A
4.40
4.50
4.50
N/A
4.57
4.67
4.67
N/A
V
POK OV Interrupt Threshold Rising
(VIN_LVL=1, POK_LVL = 1) (Note 3) (Note 4)
POK_OV_SET=00 (110% of 5.0V)
POK_OV_SET=01 (112% of 5.0V)
POK_OV_SET=10 (114% of 5.0V)
POK_OV_SET=11 (Disable)
5.33
5.43
5.53
N/A
5.50
5.60
5.70
N/A
5.67
5.77
5.87
N/A
V
POK Deglitch Time OV or UV
5
µs
Note 1: All Under-voltage Lockout, Overvoltage measurements are referenced to the AVIN Input and GND Pins.
Note 2: This delay can be affected by programming sequence and startup delays.
Note 3: All POK Under-voltage and Overvoltage measurements are referenced to the VIN Input and GND Pins.
Note 4: There is no hysteresis on OV and UV threshold for the POK interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com