Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 4Page - Xicor Inc. X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
8 of 26
www.xicor.com
X9521
– Preliminary Information
“wiper terminal” to tap position 28. The mapping of the
Data Byte to “wiper position” data for DCP1 (100 Tap), is
shown in “APPENDIX 1” . An example of a simple C lan-
guage function which “translates” between the tap posi-
tion (decimal) and the Data Byte (binary) for DCP1, is
given in “APPENDIX 2” .
It should be noted that all writes to any DCP of the X9521
are random in nature. Therefore, the Data Byte of consec-
utive write operations to any DCP can differ by an arbi-
trary number of bits. Also, setting the bits (P1=0, P0=0) or
(P1=1, P0=1) are reserved sequences, and will result in
no ACKNOWLEDGE after sending an Instruction Byte on
SDA.
The factory default setting of all “wiper position” settings is
with 00h stored in the NVM of the DCPs. This corre-
sponds to having the “wiper teminal” RWX (x=1,2) at the
“lowest” tap position, Therefore, the resistance between
RWX and RLX is a minimum (essentially only the Wiper
Resistance, RW).
DCP Read Operation
A read of DCPx (x=1,2) can be performed using the three
byte random read command sequence shown in Figure
10.
The master issues the START condition and the Slave
Address Byte 10101110 which specifies that a “dummy”
write” is to be conducted. This “dummy” write operation
sets which DCP is to be read (in the preceding Read
operation). An ACKNOWLEDGE is returned by the
X9521 after the Slave Address if received correctly. Next,
an Instruction Byte is issued on SDA. Bits P1-P0 of the
Instruction Byte determine which DCP “wiper position” is
to be read. In this case, the state of the WT bit is “don’t
care”. If the Instruction Byte format is valid, then another
ACKNOWLEDGE is returned by the X9521.
Following this ACKNOWLEDGE, the master immediately
issues another START condition and a valid Slave
address byte with the R/W bit set to 1. Then the X9521
issues an ACKNOWLEDGE followed by Data Byte, and
Slave
Address
Instruction
Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data Byte
A
C
K
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 10.
DCP Read Sequence
“Dummy” write
READ Operation
101
1 11 0
0
00 00
0
W
T
P
1
P
0
101
1 11 1
0
WRITE Operation
-
MSB
LSB
DCPx
x = 1
x = 2
“-” = DON’T CARE
S
t
a
r
t
S
t
o
p
Slave
Address
Address
Byte
Data
Byte
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 11. EEPROM Byte Write Sequence
Internal
Device
Address
1 01 0 0 0 0 0
WRITE Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com