Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 18 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 14Page - Xicor Inc. X9521 Datasheet HTML 15Page - Xicor Inc. X9521 Datasheet HTML 16Page - Xicor Inc. X9521 Datasheet HTML 17Page - Xicor Inc. X9521 Datasheet HTML 18Page - Xicor Inc. X9521 Datasheet HTML 19Page - Xicor Inc. X9521 Datasheet HTML 20Page - Xicor Inc. X9521 Datasheet HTML 21Page - Xicor Inc. X9521 Datasheet HTML 22Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
18 of 26
www.xicor.com
X9521
– Preliminary Information
D.C. OPERATING CHARACTERISTICS
Notes: 1.
The device enters the Active state after any START, and remains active until: 9 clock cycles later if the Device Select Bits in the
Slave Address Byte are incorrect; 200nS after a STOP ending a read operation; or tWC after a STOP ending a write operation.
Notes: 2.
The device goes into Standby: 200nS after any STOP, except those that initiate a high voltage write cycle; tWC after a STOP that
initiates a high voltage cycle; or 9 clock cycles after any START that is not followed by the correct Device Select Bits in the Slave
Address Byte.
Notes: 3.
Current through external pull up resistor not included.
Notes: 4.
VIN = Voltage applied to input pin.
Notes: 5.
VOUT = Voltage applied to output pin.
Notes: 6.
VIL Min. and VIH Max. are for reference only and are not tested
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
ICC1(1)
Current into VCC Pin
(X9521: Active)
Read memory array
(3)
Write nonvolatile memory
0.4
1.5
mA
fSCL = 400KHz
ICC2(2)
Current into VCC Pin
(X9521:Standby)
With 2-Wire bus activity
(3)
No 2-Wire bus activity
50
50
µA
VSDA = VCC
WP = Vss or Open/Floating
VSCL= VCC (when no bus activity
else fSCL = 400kHz)
ILI
Input Leakage Current (SCL, SDA)
0.1
10
µA
VIN (4) = GND to VCC.
Input Leakage Current (WP)
10
µA
Iai
Analog Input Leakage
1
10
µA
VIN = VSS to VCC with all other
analog pins floating
ILO
Output Leakage Current (SDA)
0.1
10
µA
VOUT (5) = GND to VCC.
X9521 is in Standby
(2)
VIL (6)
Input LOW Voltage (SCL, SDA, WP)
-0.5
0.8
V
VIH (6)
Input HIGH Voltage (SCL,SDA, WP)
2.0
VCC
+0.5
V
VOLx
SDA Output Low Voltage
0.4
V
ISINK = 2.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com