Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 15 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 15 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. X9521 Datasheet HTML 14Page - Xicor Inc. X9521 Datasheet HTML 15Page - Xicor Inc. X9521 Datasheet HTML 16Page - Xicor Inc. X9521 Datasheet HTML 17Page - Xicor Inc. X9521 Datasheet HTML 18Page - Xicor Inc. X9521 Datasheet HTML 19Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
15 of 26
www.xicor.com
X9521
– Preliminary Information
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
NOTE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of the device at these or any other conditions above those listed
in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability
Figure 20. Equivalent A.C. Circuit
Figure 21. DCP SPICE Macromodel
Parameter
Min.
Max.
Units
Temperature under Bias
–65
+135
°C
Storage Temperature
–65
+150
°C
Voltage on WP pin (With respect to Vss)
–1.0
+15
V
Voltage on other pins (With respect to Vss)
–1.0
+7
V
| Voltage on RHx– Voltage on RLx | (x=1,2. Referenced to Vss)
Vcc
V
D.C. Output Current (SDA)
0
5mA
Lead Temperature (Soldering, 10 seconds)
300
°C
Supply Voltage Limits (Applied Vcc voltage, referenced to Vss)
2.7
5.5
V
Temperature
Min.
Max.
Units
Industrial
–40
+85
°C
Vcc = 5V
100pF
SDA
2300
Ω
CH
CL
RWx
10pF
10pF
RHx
RLx
RTOTAL
CW
25pF
RW
(x=1,2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com