Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 14 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. X9521 Datasheet HTML 14Page - Xicor Inc. X9521 Datasheet HTML 15Page - Xicor Inc. X9521 Datasheet HTML 16Page - Xicor Inc. X9521 Datasheet HTML 17Page - Xicor Inc. X9521 Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
14 of 26
www.xicor.com
X9521
– Preliminary Information
For example, a sequence of writes to the device CON-
STAT register consisting of [02H, 06H, 02H] will reset the
BL0 and BL0 bits in the CONSTAT Register to “0”.
It should be noted that a write to any nonvolatile bit of
CONSTAT register will be ignored if the Write Protect pin
of the X9521 is active (HIGH) (See "WP: Write Protection
Pin").
CONSTAT Register Read Operation
The contents of the CONSTAT Register can be read at
any time by performing a random read (See Figure 19).
Using the Slave Address Byte set to 10100101, and an
Address Byte of FFh. Only one byte is read by each regis-
ter read operation. The X9521 resets itself after the first
byte is read. The master should supply a STOP condition
to be consistent with the bus protocol.
After setting the WEL and / or the RWEL bit(s) to a “1”, a
CONSTAT register read operation may occur, without
interrupting a proceeding CONSTAT register write opera-
tion.
When reading the contents of the CONSTAT register, the
bits CS7-CS5 and CS0 will always return “0”.
DATA PROTECTION
There are a number of levels of data protection features
designed into the X9521. Any write to the device first
requires setting of the WEL bit in the CONSTAT register.
A write to the CONSTAT register itself, further requires the
setting of the RWEL bit. Block Lock protection of the
device enables the user to inhibit writes to certain regions
of the EEPROM memory, as well as to all the DCPs. One
further level of data protection in the X9521, is incorpo-
rated in the form of the Write Protection pin.
WP: Write Protection Pin
When the Write Protection (WP) pin is active (HIGH), it
disables nonvolatile write operations to the X9521.
The table below (X9521 Write Permission Status) sum-
marizes the effect of the WP pin (and Block Lock), on the
write permission status of the device.
Additional Data Protection Features
In addition to the preceding features, the X9521 also
incorporates the following data protection functionality:
—The proper clock count and data bit sequence is
required prior to the STOP bit in order to start a nonvol-
atile write cycle.
0
Slave
Address
Address
Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 19. CONSTAT Register Read Command Sequence
0 1 0 0 1 0
11 0 1 0 0 1 0
WRITE Operation
“Dummy” Write
READ Operation
CS7 … CS0
X9521 Write Permission Status
Block Lock
Bits
WP
DCP Volatile Write
Permitted
DCP Nonvolatile
Write Permitted
Write to EEPROM
Permitted
Write to CONSTAT Register
Permitted
BL0
BL1
Volatile Bits
Nonvolatile
Bits
x
1
1
NONONO
NO
NO
1
x
1
NONONO
NO
NO
0
0
1
YES
NO
NO
NO
NO
x
1
0
NO
NO
Not in locked region
YES
YES
1x
0
NO
NO
Not in locked region
YES
YES
00
0
YES
YES
Yes (All Array)
YES
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com