Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 2 Page - Xicor Inc.

  X9521 Datasheet HTML 1Page - Xicor Inc. X9521 Datasheet HTML 2Page - Xicor Inc. X9521 Datasheet HTML 3Page - Xicor Inc. X9521 Datasheet HTML 4Page - Xicor Inc. X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
2 of 26
www.xicor.com
X9521
– Preliminary Information
PIN ASSIGNMENT
Pin
CSP
Name
Function
1B3
RH2
Connection to end of resistor array for (the 256 Tap) DCP 2.
2A3
Rw2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 2.
3A4
RL2
Connection to other end of resistor array for (the 256 Tap) DCP2.
7C4
WP
Write Protect Control Pin. WP pin is a TTL level compatible input. When held HIGH, Write
Protection is enabled. In the enabled state, this pin prevents all nonvolatile “write” opera-
tions. Also, when the Write Protection is enabled, and the device Block Lock feature is active
(i.e. the Block Lock bits are NOT [0,0]), then no “write” (volatile or nonvolatile) operations
can be performed in the device (including the wiper position of any of the integrated Digitally
Controlled Potentiometers (DCPs). The WP pin uses an internal “pull-down” resistor, thus if
left floating the write protection feature is disabled.
8
D4
SCL
Serial Clock. This is a TTL level compatible input pin used to control the serial bus timing for
data input and output.
9E4
SDA
Serial Data. SDA is a bidirectional TTL level compatible pin used to transfer data into and
out of the device. The SDA pin input buffer is always active (not gated). This pin requires
an external pull up resistor.
10
E1
Vss
Ground.
11
E3
RL1
Connection to other end of resistor for (the 100 Tap) DCP 1.
12
E2
Rw1
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 1
13
D1
RH1
Connection to end of resistor array for (the 100 Tap) DCP 1.
20
A2
Vcc
Supply Voltage.
4, 5, 6,
14, 15,
16, 17,
18, 19
A1, B1,
B2, B4,
C1, C2,
C3, D2,
D3
NC
No Connect
PIN CONFIGURATION
NC
RL2
NC
3
4
Vcc
SCL
NC
NC
RW1
RH1
7
8
NC
VSS
10
RL1
RH2
1
18
19
17
20
14
15
13
16
12
11
NC
6
RW2
2
SDA
9
NC
5
WP
NC
NC
NOT TO SCALE
2
3
4
A
B
C
D
E
Top View – Bumps Down
1
CSP
20 Pin TSSOP
RL2
RW2
RH2
NC
WP
NC
SCL
NC
SDA
RL1
NC
V1/Vcc
NC
NC
NC
NC
RH1
NC
VSS
RW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com