Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 17Page - Xicor Inc. X9521 Datasheet HTML 18Page - Xicor Inc. X9521 Datasheet HTML 19Page - Xicor Inc. X9521 Datasheet HTML 20Page - Xicor Inc. X9521 Datasheet HTML 21Page - Xicor Inc. X9521 Datasheet HTML 22Page - Xicor Inc. X9521 Datasheet HTML 23Page - Xicor Inc. X9521 Datasheet HTML 24Page - Xicor Inc. X9521 Datasheet HTML 25Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
21 of 26
www.xicor.com
X9521
– Preliminary Information
Ball Matrix:
43
2
1
A
RL2
RW2
Vcc
NC
B
NC
RH2
NC
NC
C
WP
NC
NC
NC
D
SCL
NC
NC
RH1
E
SDA
RL1
RW1
Vss
Package Dimensions
Symbol
Millimeters
Inches
Min
Nominal
Max
Min
Nominal
Max
Package Width
a
2.542
2.572
2.602
Package Length
b
3.812
3.842
3.872
Package Height
c
0.644
0.677
0.710
Body Thickness
d
0.444
0.457
0.470
Ball Height
e
0.200
0.220
0.240
Ball Diameter
f
0.300
0.320
0.340
Ball Pitch – Width
j
0.5
Ball Pitch – Length
k
0.5
Ball to Edge Spacing – Width
l
0.511
0.536
0.561
Ball to Edge Spacing – Length
m
0.896
0.921
0.946
20-Bump Chip Scale Package (CSP B20)
Package Outline Drawing
f
j
l
k
b
a
Top View (Marking Side)
Bottom View (Bumped Side)
Side View
m
e
A4
A3
A2
A1
B4
B3
B2
B1
C4
C3
C2
C1
D4
D3
D2
D1
E4
E3
E2
E1
Side View
c
e
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com