Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. X9521 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
10 of 26
www.xicor.com
X9521
– Preliminary Information
The master terminates the Data Byte loading by issuing a
STOP condition, which causes the X9521 to begin the
nonvolatile write cycle. As with the byte write operation, all
inputs are disabled until completion of the internal write
cycle. See Figure 12 for the address, ACKNOWLEDGE,
and data transfer sequence.
Stops and EEPROM Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
and receiving the subsequent ACKNOWLEDGE signal. If
the master issues a STOP within a Data Byte, or before
the X9521 issues a corresponding ACKNOWLEDGE, the
X9521 cancels the write operation. Therefore, the con-
tents of the EEPROM array does not change.
EEPROM Array Read Operations
Read operations are initiated in the same manner as write
operations with the exception that the R/W bit of the Slave
Address Byte is set to one. There are three basic read
operations: Current EEPROM Address Read, Random
EEPROM Read, and Sequential EEPROM Read.
Current EEPROM Address Read
Internally the device contains an address counter that
maintains the address of the last word read incremented
by one. Therefore, if the last read was to address n, the
next read operation would access data from address n+1.
On power up, the address of the address counter is unde-
fined, requiring a read or write operation for initialization.
Upon receipt of the Slave Address Byte with the R/W bit
set to one, the device issues an ACKNOWLEDGE and
then transmits the eight bits of the Data Byte. The master
terminates the read operation when it does not respond
with an ACKNOWLEDGE during the ninth clock and then
issues a STOP condition (See Figure 14 for the address,
ACKNOWLEDGE, and data transfer sequence).
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read opera-
tion, the master must either issue a STOP condition dur-
ing the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a STOP condition.
Another important point to note regarding the “Current
EEPROM Address Read” , is that this operation is not
available if the last executed operation was an access to a
DCP or the CONSTAT Register (i.e.: an operation using
address
address
11
5 bytes
15
7 bytes
address
= 6
address pointer
ends here
Addr = 7
Figure 13. Example: Writing 12 bytes to a 16-byte page starting at location 11.
5 bytes
10
10
10
10
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Figure 14. Current EEPROM Address Read Sequence
1 01 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com