Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. X9521 Datasheet HTML 14Page - Xicor Inc. X9521 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
11 of 26
www.xicor.com
X9521
– Preliminary Information
the Device Type Identifier 1010111 or 1010010). Immedi-
ately after an operation to a DCP or CONSTAT Register is
performed, only a “Random EEPROM Read” is available.
Immediately following a “Random EEPROM Read” , a
“Current
EEPROM
Address
Read” or
“Sequential
EEPROM Read” is once again available (assuming that
no access to a DCP or CONSTAT Register occur in the
interim).
Random EEPROM Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master must
first perform a “dummy” write operation. The master
issues the START condition and the Slave Address Byte,
receives an ACKNOWLEDGE, then issues an Address
Byte. This “dummy” Write operation sets the address
pointer to the address from which to begin the random
EEPROM read operation.
After the X9521 acknowledges the receipt of the Address
Byte, the master immediately issues another START con-
dition and the Slave Address Byte with the R/W bit set to
one. This is followed by an ACKNOWLEDGE from the
X9521 and then by the eight bit word. The master termi-
nates the read operation by not responding with an
ACKNOWLEDGE and instead issuing a STOP condition
(Refer to Figure 15.).
A similar operation called “Set Current Address” also
exists. This operation is performed if a STOP is issued
instead of the second START shown in Figure 15. In this
case, the device sets the address pointer to that of the
Address Byte, and then goes into standby mode after the
STOP bit. All bus activity will be ignored until another
START is detected.
Sequential EEPROM Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data Byte
is transmitted as with the other modes; however, the mas-
0
Slave
Address
Address
Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 15. Random EEPROM Address Read Sequence
0 1 0 0 0 0
1
1 0 1 0 0 0 0
READ Operation
WRITE Operation
“Dummy” Write
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n-1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)
Figure 16. Sequential EEPROM Read Sequence
0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com