Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 2Page - Xicor Inc. X9521 Datasheet HTML 3Page - Xicor Inc. X9521 Datasheet HTML 4Page - Xicor Inc. X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
6 of 26
www.xicor.com
X9521
– Preliminary Information
before break” sequence is used internally for the FET
switches when the wiper is moved from one tap position
to another.
Hot Pluggability
Figure 7 shows a typical waveform that the X9521 might
experience in a Hot Pluggable situation. On power up,
Vcc applied to the X9521 may exhibit some amount of
ringing, before it settles to the required value.
The device is designed such that the wiper terminal (RWx)
is recalled to the correct position (as per the last stored in
the DCP NVM), when the voltage applied to Vcc exceeds
VTRIP for a time exceeding tpu.
Therefore, if
ttrans is defined as the time taken for Vcc to
settle above VTRIP (Figure 7): then the desired wiper ter-
minal position is recalled by (a maximum) time:
ttrans +
tpu. It should be noted that ttrans is determined by system
hot plug conditions.
DCP Operations
In total there are three operations that can be performed
on any internal DCP structure:
—DCP Nonvolatile Write
—DCP Volatile Write
—DCP Read
A nonvolatile write to a DCP will change the “wiper
position” by simultaneously writing new data to the
associated WCR and NVM. Therefore, the new “wiper
position” setting is recalled into the WCR after Vcc of the
X9521 is powered down and then powered back up.
A volatile write operation to a DCP however, changes the
“wiper position” by writing new data to the associated
WCR only. The contents of the associated NVM register
remains unchanged. Therefore, when Vcc to the device is
powered down then back up, the “wiper position” reverts
to that last position written to the DCP using a nonvolatile
write operation.
Both volatile and nonvolatile write operations are
executed using a three byte command sequence: (DCP)
Slave Address Byte, Instruction Byte, followed by a Data
Byte (See Figure 9)
A DCP Read operation allows the user to “read out” the
current “wiper position” of the DCP, as stored in the
associated WCR. This operation is executed using the
Random Address Read command sequence, consisting
of the (DCP) Slave Address Byte followed by an
Instruction Byte and the Slave Address Byte again (Refer
to Figure 10.).
Instruction Byte
While the Slave Address Byte is used to select the DCP
devices, an Instruction Byte is used to determine which
DCP is being addressed.
The Instruction Byte (Figure 8) is valid only when the
Device Type Identifier and the Internal Device Address
bits of the Slave Address are set to 1010111. In this
case, the two Least Significant Bit’s (I1 - I0) of the
Instruction Byte are used to select the particular DCP (0
- 2). In the case of a Write to any of the DCPs (i.e. the LSB
of the Slave Address is 0), the Most Significant Bit of the
Instruction Byte (I7), determines the Write Type (WT) per-
formed.
If WT is “1”, then a Nonvolatile Write to the DCP occurs. In
this case, the “wiper position” of the DCP is changed by
simultaneously writing new data to the associated WCR
Figure 7.
DCP Power up
t
Vcc
VTRIP
Vcc (Max.)
tpu
Maximum Wiper Recall time
0
ttrans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com