Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. X9521 Datasheet HTML 14Page - Xicor Inc. X9521 Datasheet HTML 15Page - Xicor Inc. X9521 Datasheet HTML 16Page - Xicor Inc. X9521 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
13 of 26
www.xicor.com
X9521
– Preliminary Information
The region of EEPROM memory which is protected /
locked is determined by the combination of the BL1 and
BL0 bits written to the CONSTAT register. It is possible to
lock the regions of EEPROM memory shown in the table
below:
If the user attempts to perform a write operation on a pro-
tected region of EEPROM memory, the operation is
aborted without changing any data in the array.
When the Block Lock bits of the CONSTAT register are
set to something other than BL1=0 and BL0=0, then the
“wiper position” of the DCPs cannot be changed - i.e.
DCP write operations cannot be conducted:
The factory default setting for these bits are BL1 = 0, BL0
= 0.
IMPORTANT NOTE: If the Write Protect (WP) pin of the
X9521 is active (HIGH), then all nonvolatile write opera-
tions to both the EEPROM memory and DCPs are inhib-
ited, irrespective of the Block Lock bit settings (See "WP:
Write Protection Pin").
CONSTAT Register Write Operation
The CONSTAT register is accessed using the Slave
Address set to 1010010 (Refer to Figure 4.). Following the
Slave Address Byte, access to the CONSTAT register
requires an Address Byte which must be set to FFh. Only
one data byte is allowed to be written for each CONSTAT
register Write operation. The user must issue a STOP,
after sending this byte to the register, to initiate the nonvol-
atile cycle that stores the BP1and BP0 bits. The X9521
will not ACKNOWLEDGE any data bytes written after the
first byte is entered (Refer to Figure 18.).
When writing to the CONSTAT register, the bits CS7-CS5
and CS0 must all be set to “0”. Writing any other bit
sequence to bits CS7-CS5 and CS0 of the CONSTAT
register is reserved.
Prior to writing to the CONSTAT register, the WEL and
RWEL bits must be set using a two step process, with the
whole sequence requiring 3 steps
—Write a 02H to the CONSTAT Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation preceded by
a START and ended with a STOP).
—Write a 06H to the CONSTAT Register to set the Regis-
ter Write Enable Latch (RWEL) AND the WEL bit. This
is also a volatile cycle. The zeros in the data byte are
required. (Operation preceded by a START and ended
with a STOP).
—Write a one byte value to the CONSTAT Register that
has all the bits set to the desired state. The CONSTAT
register can be represented as 000st010 in binary,
where st are the Block Lock Protection (BL1 and BL0)
bits. This operation is proceeded by a START and
ended with a STOP bit. Since this is a nonvolatile write
cycle, it will typically take 5ms to complete. The RWEL
bit is reset by this cycle and the sequence must be
repeated to change the nonvolatile bits again. If bit 2 is
set to ‘1’ in this third step (000s t110) then the RWEL bit
is set, but the BL1 and BL0 bits remain unchanged.
Writing a second byte to the control register is not
allowed. Doing so aborts the write operation and the
X9521 does not return an ACKNOWLEDGE.
BL1 BL0
Protected Addresses
(Size)
Partition of array
locked
0
0
None (Default)
None (Default)
0
1
C0h - FFh (64 bytes)
Upper 1/4
1
0
80h - FFh (128 bytes)
Upper 1/2
1
1
00h - FFh (256 bytes)
All
BL1
BL0
DCP Write Operation Permissible
0
0
YES (Default)
01
NO
10
NO
11
NO
S
T
A
R
T
10
1
0
0
1
0
R/W A
C
K
11
1
1
1
1
11
A
C
K
SCL
SDA
S
T
O
P
A
C
K
CS7 CS6 CS5 CS4 CS3 CS2 CS1 CS0
SLAVE ADDRESS BYTE
ADDRESS BYTE
CONSTAT REGISTER DATA IN
Figure 18. CONSTAT Register Write Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com