Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 4 Page - Xicor Inc.

  X9521 Datasheet HTML 1Page - Xicor Inc. X9521 Datasheet HTML 2Page - Xicor Inc. X9521 Datasheet HTML 3Page - Xicor Inc. X9521 Datasheet HTML 4Page - Xicor Inc. X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
4 of 26
www.xicor.com
X9521
– Preliminary Information
nate further data transmissions if an ACKNOWLEDGE is
not detected. The master must then issue a STOP condi-
tion to place the device into a known state.
DEVICE INTERNAL ADDRESSING
Addressing Protocol Overview
The user addressable internal components of the X9521
can be split up into three main parts:
—Two Digitally Controlled Potentiometers (DCPs)
—EEPROM array
—Control and Status (CONSTAT) Register
Depending upon the operation to be performed on each
of these individual parts, a 1, 2 or 3 Byte protocol is used.
All operations however must begin with the Slave Address
Byte being issued on the SDA pin. The Slave address
selects the part of the X9521 to be addressed, and speci-
fies if a Read or Write operation is to be performed.
It should be noted that in order to perform a write opera-
tion to either a DCP or the EEPROM array, the Write
Enable Latch (WEL) bit must first be set (See “BL1, BL0:
Block Lock protection bits - (Nonvolatile)” on page 12.)
Slave Address Byte
Following a START condition, the master must output a
Slave Address Byte (Refer to Figure 4.). This byte con-
sists of three parts:
—The Device Type Identifier which consists of the most
significant four bits of the Slave Address (SA7 - SA4).
The Device Type Identifier must always be set to 1010
in order to select the X9521.
—The next three bits (SA3 - SA1) are the Internal Device
Address bits. Setting these bits to 000 internally selects
the EEPROM array, while setting these bits to 111
selects the DCP structures in the X9521. The CON-
STAT Register may be selected using the Internal
Device Address 010.
—The Least Significant Bit of the Slave Address (SA0)
Byte is the R/W bit. This bit defines the operation to be
performed on the device being addressed (as defined
in the bits SA3 - SA1). When the R/W bit is “1”, then a
READ operation is selected. A “0” selects a WRITE
operation (Refer to Figure 4.)
SCL
from
Master
Data Output
from
Transmitter
Data Output
from
Receiver
8
1
9
Start
Acknowledge
Figure 3.
Acknowledge Response From Receiver
SCL
from
Master
SA6
SA7
SA5
SA3
SA2
SA1
SA0
DEVICE TYPE
IDENTIFIER
READ /
SA4
Internal Address
(SA3 - SA1)
Internally Addressed
Device
000
EEPROM Array
010
CONSTAT Register
111
DCP
Bit SA0
Operation
0
WRITE
1
READ
R/W
Figure 4.
Slave Address Format
101
0
WRITE
ADDRESS
INTERNAL
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com