Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 16Page - Xicor Inc. X9521 Datasheet HTML 17Page - Xicor Inc. X9521 Datasheet HTML 18Page - Xicor Inc. X9521 Datasheet HTML 19Page - Xicor Inc. X9521 Datasheet HTML 20Page - Xicor Inc. X9521 Datasheet HTML 21Page - Xicor Inc. X9521 Datasheet HTML 22Page - Xicor Inc. X9521 Datasheet HTML 23Page - Xicor Inc. X9521 Datasheet HTML 24Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
20 of 26
www.xicor.com
X9521
– Preliminary Information
POTENTIOMETER CHARACTERISTICS
Notes: 1.
Power Rating between the wiper terminal RWX(n) and the end terminals RHX or RLX - for ANY tap position n, (x=1,2).
Notes: 2.
Absolute Linearity is utilized to determine actual wiper resistance versus, expected resistance = (Rwx(n)(actual) –
Rwx(n)(expected)) = ±1 Ml Maximum (x=1,2).
Notes: 3.
Relative Linearity is a measure of the error in step size between taps = RWx(n+1) – [Rwx(n) + Ml] = ±1 Ml (x=0,1,2)
Notes: 4.
1 Ml = Minimum Increment = RTOT / (Number of taps in DCP - 1).
Notes: 5.
Typical values are for TA = 25°C and nominal supply voltage.
Notes: 6.
This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOL
End to End Resistance Tolerance
–20
+20
%
VRHx
RH Terminal Voltage (x=1,2)
Vss
VCC
V
VRLx
RL Terminal Voltage (x=1,2)
Vss
VCC
V
PR
Power Rating
(1)(6)
10
mW
RTOTAL = 10 KΩ (DCP1)
5mW
RTOTAL = 100 KΩ (DCP2)
RW
DCP Wiper Resistance
200
400
Ω
IW = 1mA, VCC = 5 V, VRHx =
Vcc, VRLx = Vss (x=1,2).
400
1200
Ω
IW = 1mA, VCC = 2.7 V, VRHx =
Vcc, VRLx = Vss (x=1,2)
IW
Wiper Current (6)
4.4
mA
Noise
mV /
sqt(Hz)
RTOTAL = 10 kΩ ( DCP1)
mV /
sqt(Hz)
RTOTAL = 100 kΩ (DCP2)
Absolute Linearity
(2)
-1
+1
MI(4)
Rw(n)(actual) – Rw(n)(expected)
Relative Linearity
(3)
-1
+1
MI(4)
Rw(n+1) – [Rw(n)+MI]
RTOTAL Temperature Coefficient
±300
ppm/°C
RTOTAL = 10 kΩ (DCP1)
±300
ppm/°C
RTOTAL = 100 kΩ (DCP2)
CH/CL/
CW
Potentiometer Capacitances
10/10/
25
pF
See Figure 21.
twcr
Wiper Response time (6)
200
µs
See Figure 25.
VTRIP
Vcc power up DCP recall threshold
V
tPU
Vcc power up DCP recall delay time (6)
25
50
75
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com