Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9521
Description  Dual DCP, EEPROM Memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9521 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9521 Datasheet HTML 5Page - Xicor Inc. X9521 Datasheet HTML 6Page - Xicor Inc. X9521 Datasheet HTML 7Page - Xicor Inc. X9521 Datasheet HTML 8Page - Xicor Inc. X9521 Datasheet HTML 9Page - Xicor Inc. X9521 Datasheet HTML 10Page - Xicor Inc. X9521 Datasheet HTML 11Page - Xicor Inc. X9521 Datasheet HTML 12Page - Xicor Inc. X9521 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
REV 1.1.9 1/30/03
Characteristics subject to change without notice.
9 of 26
www.xicor.com
X9521
– Preliminary Information
finally, the master issues a STOP condition. The Data
Byte read in this operation, corresponds to the “wiper
position” (value of the WCR) of the DCP pointed to by bits
P1 and P0.
It should be noted that when reading out the data byte for
DCP1 (100 Tap), the upper most significant bit is an
“unknown”. For DCP2 (256 Tap) however, all bits of the
data byte are relevant (See Figure 10).
2 kbit EEPROM ARRAY
Operations on the 2 kbit EEPROM Array, consist of either
1, 2 or 3 byte command sequences. All operations on the
EEPROM must begin with the Device Type Identifier of
the Slave Address set to 1010000. A Read or Write to the
EEPROM is selected by setting the LSB of the Slave
Address to the appropriate value R/W (Read = “1”,
Write=”0”).
In some cases when performing a Read or Write to the
EEPROM, an Address Byte may also need to be speci-
fied. This Address Byte can contain the values 00h to
FFh.
EEPROM Byte Write
In order to perform an EEPROM Byte Write operation to
the EEPROM array, the Write Enable Latch (WEL) bit of
the CONSTAT Register must first be set (See “BL1, BL0:
Block Lock protection bits - (Nonvolatile)” on page 12.)
For a write operation, the X9521 requires the Slave
Address Byte and an Address Byte. This gives the master
access to any one of the words in the array. After receipt
of the Address Byte, the X9521 responds with an
ACKNOWLEDGE, and awaits the next eight bits of data.
After receiving the 8 bits of the Data Byte, it again
responds with an ACKNOWLEDGE. The master then
terminates the transfer by generating a STOP condition,
at which time the X9521 begins the internal write cycle to
the nonvolatile memory (See Figure 11). During this
internal write cycle, the X9521 inputs are disabled, so it
does not respond to any requests from the master. The
SDA output is at high impedance. A write to a region of
EEPROM memory which has been protected with the
Block-Lock feature (See “BL1, BL0: Block Lock protection
bits - (Nonvolatile)” on page 12.), suppresses the
ACKNOWLEDGE bit after the Address Byte.
EEPROM Page Write
In order to perform an EEPROM Page Write operation to
the EEPROM array, the Write Enable Latch (WEL) bit of
the CONSTAT Register must first be set (See “BL1, BL0:
Block Lock protection bits - (Nonvolatile)” on page 12.)
The X9521 is capable of a page write operation. It is initi-
ated in the same manner as the byte write operation; but
instead of terminating the write cycle after the first data
byte is transferred, the master can transmit an unlimited
number of 8-bit bytes. After the receipt of each byte, the
X9521 responds with an ACKNOWLEDGE, and the
address is internally incremented by one. The page
address remains constant. When the counter reaches the
end of the page, it “rolls over” and goes back to ‘0’ on the
same page.
For example, if the master writes 12 bytes to the page
starting at location 11 (decimal), the first 5 bytes are writ-
ten to locations 11 through 15, while the last 7 bytes are
written to locations 0 through 6. Afterwards, the address
counter would point to location 7. If the master supplies
more than 16 bytes of data, then new data overwrites the
previous data, one byte at a time (See Figure 13).
S
t
a
r
t
S
t
o
p
Slave
Address
Address
Byte
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
Data
(1)
A
C
K
(2 < n < 16)
Figure 12. EEPROM Page Write Operation
1 01 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com