Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology RM024 Datasheet HTML 12Page - Laird Tech Smart Technology RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
11
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Figure 2: RF hop frame diagram
2 HARDWARE INTERFACE
2.1 Pin Descriptions
2.1.1 RXD and TXD
The RM024 accepts 3.3 VDC TTL level asynchronous serial data from the OEM host via the RXD pin. Data is sent
from the transceiver, at 3.3 volt levels, to the OEM host via the TXD pin. Pins should be left floating or high when
not in use. Leaving the RXD tied low results in the radio transmitting garbage serial data across the RF.
2.1.2
Force 9600 /Sleep Interrupt
When pulled logic Low before applying power or resetting, the transceiver’s serial interface is forced to 9600,
8-N-1 (8 data bits, no parity, 1 stop bit) regardless of the actual EEPROM setting. RTS is ignored, the interface
timeout is also set to three milliseconds, and the RF packet size is set to the default size for the selected RF data
rate. To exit, the transceiver must be reset or power-cycled with the test pin logic High or disconnected. When
in Force 9600 mode, the radio’s receiver is disabled.
When enabled in the EEPROM, the 9600 Boot option causes the 9600 pin to be ignored on cold boot (power-up),
command boot (0xCC 0xFF), and brown-out conditions. Therefore, the 9600 pin is only observed on warm boots
(reset pin toggled). This can be helpful so that brown-out conditions don’t cause the baud rate to change if the
9600 pin happens to be low at the time. When 9600 Boot option is disabled, the 9600 pin is used for all boot
conditions. 9600 Boot option is enabled by default.
Force 9600 is also used to wake the radio from sleep. When the pin is taken low, the radio wakes. The
transceiver does not sleep if the pin is low when the sleep command is issued.
Note: Because this pin disables some modes of operation, it should not be permanently pulled Low during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com