Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 3Page - Laird Tech Smart Technology RM024 Datasheet HTML 4Page - Laird Tech Smart Technology RM024 Datasheet HTML 5Page - Laird Tech Smart Technology RM024 Datasheet HTML 6Page - Laird Tech Smart Technology RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
7
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Pluggable-Multi Antenna
Dimensions
26.7 mm x 39.6 mm x 11.3 mm (1.05” x 1.56” x 0.44”)
Pluggable-U.FL Dimensions
26.7 mm x 33 mm x 10.6 mm (1.05” x 1.29” x 0.42”)
Certifications
FCC – Part 15.247
KQL-RM024
Industry Canada (IC)
2268C-RM024
CE
Yes – RM024-x10-x versions
RoHS
Yes
Brazil (Anatel)4
None
Notes:
1. Maximum output stated, step measurements for power could vary by +/- 2.0 dBm.
2. Range distances are estimates and vary with the installation environment. Measurements were taken
at 4.1 miles with a 5 dBi antenna for FCC modules.
3. See Regulatory Information in this guide.
4. Contact your sales representative for more details.
5. While the use of FEC does not affect the actual PER, it does allow correct reception at a lower SNR,
thus extending communication range. We’ve measured this to yield an effective sensitivity increase on
the order of 3dBm.
1.3 Pin Definitions
Table 2: RM024 pins
SMT Pin
Pluggable Pin
Type
Signal Name
Functions
1
7
O
GIO-0
Generic Output / Hop_Frame
2
6
O
GIO_1
Generic Output
3
8
DNC
Do Not Connect
4
17
O
GIO_2
RS485 Driver Enable
5
19
O
GIO_3
PWM Output
6
3
I
RXD
Asynchronous serial data input to transceiver
7
2
O
TXD
Asynchronous serial data output from transceiver
8
10
GND
GND
Signal Ground
9
1
PWR
Vcc
2.3 – 3.6 V ±50 mV ripple (must be connected)
10
-
PWR
Vpa
2.3 - 3.6 V ±50 mV ripple (must be connected on
SMT version)
11
-
GND
GND
Signal Ground
12
9
I
Force 9600
/Sleep Interrupt
Force 9600 – When pulled logic Low and then
applying power or resetting, the transceiver’s
serial interface is forced to a 9600, 8-N-1 rate.
Sleep Interrupt – When taken Low, this pin wakes
the radio from any of the three sleep modes.
Note:
Pulling this pin to GND disables some
modes of operation, therefore it should



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com